Electronic Components Datasheet Search
  English  ▼

X  

SLGC55545 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # SLGC55545
Description  USB Charging Port Power Switch and Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLGC55545 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button SLGC55545 Datasheet HTML 4Page - Dialog Semiconductor SLGC55545 Datasheet HTML 5Page - Dialog Semiconductor SLGC55545 Datasheet HTML 6Page - Dialog Semiconductor SLGC55545 Datasheet HTML 7Page - Dialog Semiconductor SLGC55545 Datasheet HTML 8Page - Dialog Semiconductor SLGC55545 Datasheet HTML 9Page - Dialog Semiconductor SLGC55545 Datasheet HTML 10Page - Dialog Semiconductor SLGC55545 Datasheet HTML 11Page - Dialog Semiconductor SLGC55545 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
000-000C55545-101
Page 8 of 20
SLGC55545
TSKEW
Output Skew
Skew between DP_IN and
DM_IN when connected to
DP_OUT and DM_OUT
RL = RS = 50 Ω
--
40
--
ps
COFF
DP_OUT/DM_OUT Off-Ca-
pacitance
f = 1 MHz
--‘
2.0
--
pF
CON
DP_IN/DM_IN On-Capaci-
tance
f = 240 MHz
--‘
4.0
5.5
pF
BW
-3dB Bandwidth
RL = RS = 50 Ω
--
1000
--
MHz
VISO
Off-Isolation
VDP_OUT, VDP_IN = 0 dBm
RL = RS =50 Ω
f = 250 MHz
--
-20
--
dB
VCT
Crosstalk
VDP_OUT, VDP_IN = 0 dBm
RL = RS = 50 Ω
f = 250 MHz
--
-25
--
dB
Electrical Characteristics - Dynamic Performance
VDD = 5.0 V, TA = 25 °C (unless specified otherwise)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com