Electronic Components Datasheet Search
  English  ▼

X  

UFX6000 Datasheet(PDF) 21 Page - SMSC Corporation

Part # UFX6000
Description  USB 2.0 Hi-Speed Graphics Controller with VGA, HDMI/DVI, and Digital RGB Interfaces
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

UFX6000 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button UFX6000 Datasheet HTML 17Page - SMSC Corporation UFX6000 Datasheet HTML 18Page - SMSC Corporation UFX6000 Datasheet HTML 19Page - SMSC Corporation UFX6000 Datasheet HTML 20Page - SMSC Corporation UFX6000 Datasheet HTML 21Page - SMSC Corporation UFX6000 Datasheet HTML 22Page - SMSC Corporation UFX6000 Datasheet HTML 23Page - SMSC Corporation UFX6000 Datasheet HTML 24Page - SMSC Corporation UFX6000 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
USB 2.0 Hi-Speed Graphics Controller with VGA, HDMI/DVI, and Digital RGB Interfaces
Datasheet
SMSC UFX6000
21
Revision 1.4 (06-24-13)
DATASHEET
Table 2.8 JTAG Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
JTAG Test
Data Out
TDO
O8
JTAG data output.
1
JTAG Test
Clock
TCK
IS
JTAG test clock.
The maximum operating frequency of this clock is
25MHz.
1
JTAG Test
Mode Select
TMS
IS
JTAG test mode select.
1
JTAG Test
Data Input
TDI
IS
JTAG data input.
1
JTAG Test
Port Reset
nTRST
IS
JTAG test port reset input.
Table 2.9 Miscellaneous Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
LED
LED
O8/
OD8
(PU)
Can be used to provide device status.
Alternatively, the LED can be configured for a fast
or slow blink in accordance with the USB
graphics data receive rate.
I2S Clock
Alternate
Input 1
I2SCLKALT1
IS
I2S Clock alternate input 1. The I2S clock input
pin is selectable between the I2SCLKALT0 or
I2SCLKALT1 pins.
Note:
If the single data rate RGB interface is
enabled, I2SCLKALT1 should be used.
I2SCLKALT0 should be used in all other
cases.
General
Purpose I/O
24
GPIO24
IS/O8/
OD8
(PU)
Note 2.3
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
1
Interrupt
INT
IS
For use by external transmitter to signal an event
requiring servicing.
1
External
Reset Output
nEXTRST
O8
Used to reset the external transmitter. The
polarity and period of the reset signal generated
on this pin is programmable via internal registers.
1
Switching
Regulator
Mode
nSW_MODE
O8
When asserted, this pin can be used to place the
external switching regulator into power saving
mode.
Note:
The SW_MODE Polarity bit of
Configuration Flags 0 controls the
polarity of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com