Electronic Components Datasheet Search
  English  ▼

X  

UFX6000 Datasheet(PDF) 39 Page - SMSC Corporation

Part # UFX6000
Description  USB 2.0 Hi-Speed Graphics Controller with VGA, HDMI/DVI, and Digital RGB Interfaces
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

UFX6000 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button UFX6000 Datasheet HTML 35Page - SMSC Corporation UFX6000 Datasheet HTML 36Page - SMSC Corporation UFX6000 Datasheet HTML 37Page - SMSC Corporation UFX6000 Datasheet HTML 38Page - SMSC Corporation UFX6000 Datasheet HTML 39Page - SMSC Corporation UFX6000 Datasheet HTML 40Page - SMSC Corporation UFX6000 Datasheet HTML 41Page - SMSC Corporation UFX6000 Datasheet HTML 42Page - SMSC Corporation UFX6000 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
USB 2.0 Hi-Speed Graphics Controller with VGA, HDMI/DVI, and Digital RGB Interfaces
Datasheet
SMSC UFX6000
39
Revision 1.4 (06-24-13)
DATASHEET
5.5
DC Specifications
Note 5.2
All values apply to both full-strength and half-strength operation unless otherwise stated.
Note 5.3
VREF equals DDRVREF[0:2].
Table 5.4 I/O Buffer Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
IS Type Input Buffer
Low Input Level
High Input Level
Negative-Going Threshold
Positive-Going Threshold
SchmittTrigger Hysteresis
(VIHT - VILT)
VILI
VIHI
VILT
VIHT
VHYS
-0.3
1.01
1.39
336
1.19
1.59
399
3.6
1.39
1.8
485
V
V
V
V
mV
Schmitt trigger
Schmitt trigger
O8 Type Output Buffer
Low Output Level
High Output Level
VOL
VOH
VDD33IO - 0.4
0.4
V
V
IOL = 8mA
IOH = -8mA
OD8 Type Output Buffer
Low Output Level
VOL
0.4
V
IOL = 8mA
RGB Type Output Buffer
Low Output Level
High Output Level
VOL
VOH
VDD33IO - 0.4
0.4
V
V
IOL = 8mA
IOH = -8mA
DDR2I Type Input Buffer
Termination Voltage
Low Input Level (DC)
High Input Level (DC)
Low Input Level (AC)
High Input Level (AC)
VTT
VIL(dc)
VIH(dc)
VIL(ac)
VIH(ac)
VREF - 0.04
-0.3
VREF + 0.125
VREF + 0.25
VREF
VREF + 0.04
VREF - 0.125
VDD18DDR + 0.3
VREF - 0.25
V
V
V
V
V
Note 5.2
Note 5.3
Note 5.3
Note 5.3
Note 5.3
Note 5.3
DDR2O Type Output Buffer
Termination Voltage
Low Output Level (DC)
High Output Level (DC)
Low Output Level (AC)
High Output Level (AC)
VTT
VOL(dc)
VOH(dc)
VOL(ac)
VOH(ac)
VREF - 0.04
VDD18DDR(min) - 0.2
VTTmax + 0.603
VREF
VREF + 0.04
0.28
VTTmin - 0.603
V
V
V
V
V
Note 5.2
Note 5.3
Note 5.4
Note 5.5
Note 5.4
Note 5.5
ICLK Type Buffer (XI Input)
Low Input Level
High Input Level
VILI
VIHI
-0.3
1.08
0.5
1.32
V
V
Note 5.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com