Electronic Components Datasheet Search
  English  ▼

X  

UFX6000 Datasheet(PDF) 46 Page - SMSC Corporation

Part # UFX6000
Description  USB 2.0 Hi-Speed Graphics Controller with VGA, HDMI/DVI, and Digital RGB Interfaces
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

UFX6000 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button UFX6000 Datasheet HTML 42Page - SMSC Corporation UFX6000 Datasheet HTML 43Page - SMSC Corporation UFX6000 Datasheet HTML 44Page - SMSC Corporation UFX6000 Datasheet HTML 45Page - SMSC Corporation UFX6000 Datasheet HTML 46Page - SMSC Corporation UFX6000 Datasheet HTML 47Page - SMSC Corporation UFX6000 Datasheet HTML 48Page - SMSC Corporation UFX6000 Datasheet HTML 49Page - SMSC Corporation UFX6000 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
USB 2.0 Hi-Speed Graphics Controller with VGA, HDMI/DVI, and Digital RGB Interfaces
Datasheet
Revision 1.4 (06-24-13)
46
SMSC UFX6000
DATASHEET
5.6.6
EEPROM Timing
The following specifies the EEPROM timing requirements for the device:
Note: EEPROM timing values are with respect to an equivalent test load of 25 pF.
Figure 5.4 EEPROM Timing
Table 5.12 EEPROM Timing Values
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tckcyc
EECLK Cycle time
1110
1130
ns
tckh
EECLK High time
550
570
ns
tckl
EECLK Low time
550
570
ns
tcshckh
EECS high before rising edge of EECLK
1070
ns
tcklcsl
EECLK falling edge to EECS low
30
ns
tdvckh
EEDO valid before rising edge of EECLK
550
ns
tckhinvld
EEDO invalid after rising edge EECLK
550
ns
tdsckh
EEDI setup to rising edge of EECLK
90
ns
tdhckh
EEDI hold after rising edge of EECLK
0
ns
tckldis
EECLK low to data disable (OUTPUT)
580
ns
tcshdv
EEDIO valid after EECS high (VERIFY)
600
ns
tdhcsl
EEDIO hold after EECS low (VERIFY)
0
ns
tcsl
EECS low
1070
ns
EECLK
EEDO
EEDI
EECS
tckldis
tcshckh
EEDI (VERIFY)
tckh
tckl
tckcyc
tcklcs
l
tcsl
tdvckh tckhinvld
tdsckh
tdhckh
tdhcsl
tcshdv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com