Electronic Components Datasheet Search
  English  ▼

X  

UFX6000 Datasheet(PDF) 47 Page - SMSC Corporation

Part # UFX6000
Description  USB 2.0 Hi-Speed Graphics Controller with VGA, HDMI/DVI, and Digital RGB Interfaces
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

UFX6000 Datasheet(HTML) 47 Page - SMSC Corporation

Back Button UFX6000 Datasheet HTML 43Page - SMSC Corporation UFX6000 Datasheet HTML 44Page - SMSC Corporation UFX6000 Datasheet HTML 45Page - SMSC Corporation UFX6000 Datasheet HTML 46Page - SMSC Corporation UFX6000 Datasheet HTML 47Page - SMSC Corporation UFX6000 Datasheet HTML 48Page - SMSC Corporation UFX6000 Datasheet HTML 49Page - SMSC Corporation UFX6000 Datasheet HTML 50Page - SMSC Corporation UFX6000 Datasheet HTML 51Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
USB 2.0 Hi-Speed Graphics Controller with VGA, HDMI/DVI, and Digital RGB Interfaces
Datasheet
SMSC UFX6000
47
Revision 1.4 (06-24-13)
DATASHEET
5.6.7
JTAG Timing
This section specifies the JTAG timing of the device.
Note: JTAG timing values are with respect to an equivalent test load of 25 pF.
Figure 5.5 JTAG Timing
Table 5.13 JTAG Timing Values
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
NOTES
ttckp
TCK clock period
66.67
80
nS
ttckhl
TCK clock high/low time
ttckp*0.4
ttckp*0.6
nS
tsu
TDI, TMS setup to TCK rising edge
10
nS
th
TDI, TMS hold from TCK rising edge
10
nS
tdov
TDO output valid from TCK falling edge
16
nS
tdoinvld
TDO output invalid from TCK falling edge
0
nS
ttrst
nTRST assertion time
10
mS
TCK (Input)
TDI, TMS (Inputs)
ttckhl
ttckp
ttckhl
tsu
th
tdov
TDO (Output)
tdoinvld
ttrst
nTRST (Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com