Electronic Components Datasheet Search
  English  ▼

X  

UFX6000 Datasheet(PDF) 40 Page - SMSC Corporation

Part # UFX6000
Description  USB 2.0 Hi-Speed Graphics Controller with VGA, HDMI/DVI, and Digital RGB Interfaces
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

UFX6000 Datasheet(HTML) 40 Page - SMSC Corporation

Back Button UFX6000 Datasheet HTML 36Page - SMSC Corporation UFX6000 Datasheet HTML 37Page - SMSC Corporation UFX6000 Datasheet HTML 38Page - SMSC Corporation UFX6000 Datasheet HTML 39Page - SMSC Corporation UFX6000 Datasheet HTML 40Page - SMSC Corporation UFX6000 Datasheet HTML 41Page - SMSC Corporation UFX6000 Datasheet HTML 42Page - SMSC Corporation UFX6000 Datasheet HTML 43Page - SMSC Corporation UFX6000 Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
USB 2.0 Hi-Speed Graphics Controller with VGA, HDMI/DVI, and Digital RGB Interfaces
Datasheet
Revision 1.4 (06-24-13)
40
SMSC UFX6000
DATASHEET
Note 5.4
IOL equals 13.4mA for full-strength operation and 6.7mA for half-strength operation.
Note 5.5
IOH equals -13.4mA for full-strength operation and -6.7mA for half-strength operation.
Note 5.6
XI can optionally be driven from a 25MHz single-ended clock oscillator.
5.6
AC Specifications
This section details the various AC timing specifications of the device.
Note: The USB interface timing adheres to the USB 2.0 Specification. Refer to the Universal Serial
Bus Revision 2.0 Specification for detailed USB timing information.
Note: The DDR2 interface timing adheres to the JESD79-2E Specification. Refer to the JESD79-2E
Specification for detailed DDR2 timing information.
Note: The HDMI interface timing adheres to the HDMI 1.3 Specification. Refer to the HDMI 1.3
Specification for detailed HDMI timing information.
Note: The S/PDIF interface timing adheres to the IEC 60958 2-channel PCM Specification. Refer to
the IEC 60958 2-channel PCM Specification for detailed S/PDIF timing information.
Note: The I2S interface timing adheres to the NXP I2S Bus Specification. Refer to the NXP I2S Bus
Specification for detailed I2S timing information.
Note: The I2C interface timing adheres to the NXP I2C-Bus Specification. Refer to the I2C-Bus
Specification for detailed I2C timing information.
Table 5.5 Video DAC - DC Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Output Voltage
-
1.28
V
Output Current per Channel
-
17
mA
Video DAC Resolution
-
10
bits
Integral Non-linearity Error
INL
+/-2
LSB
Differential Non-linearity Error
DNL
+/-0.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com