Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 53Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 54Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 55Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 56Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 57Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 58Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 59Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 60Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 175 page
background image
Rev. 1.00
56
De�e��e� 01� �01�
Rev. 1.00
5�
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
Input/Output Ports
HoltekmicrocontrollersofferconsiderableflexibilityontheirI/Oports.Withtheinputoroutput
designationofeverypinfullyunderuserprogramcontrol,pull-highselectionsforallportsand
wake-upselectionsoncertainpins,theuserisprovidedwithanI/Ostructuretomeettheneedsofa
widerangeofapplicationpossibilities.
Thedeviceprovidesbidirectionalinput/outputlineslabeledwithportnamesPA~PC.TheseI/O
portsaremappedtotheRAMDataMemorywithspecificaddressesasshownintheSpecialPurpose
DataMemorytable.AlloftheseI/Oportscanbeusedforinputandoutputoperations.Forinput
operation,theseportsarenon-latching,whichmeanstheinputsmustbereadyattheT2risingedge
ofinstruction"MOVA,[m]",wheremdenotestheportaddress.Foroutputoperation,allthedatais
latchedandremainsunchangeduntiltheoutputlatchisrewritten.
ThedevicesupportssourcecurrentdrivingcapabilityforeachI/Oport.Usersshouldrefertothe
Input/OutputCharacteristicsforI/Oportsourcecurrentdetails.
Register
Name
Bit
7
6
5
4
3
2
1
0
PA
PA�
PA6
PA5
PA4
PA3
PA�
PA1
PA0
PAC
PAC�
PAC6
PAC5
PAC4
PAC3
PAC�
PAC1
PAC0
PAPU
PAPU�
PAPU6
PAPU5
PAPU4
PAPU3
PAPU�
PAPU1
PAPU0
PAWU
PAWU�
PAWU6
PAWU5
PAWU4
PAWU3
PAWU�
PAWU1
PAWU0
PB
—
PB6
PB5
PB4
PB3
PB�
PB1
PB0
PBC
—
PBC6
PBC5
PBC4
PBC3
PBC�
PBC1
PBC0
PBPU
—
PBPU6
PBPU5
PBPU4
PBPU3
PBPU�
PBPU1
PBPU0
PC
—
—
—
—
—
PC�
PC1
PC0
PCC
—
—
—
—
—
PCC�
PCC1
PCC0
PCPU
—
—
—
—
—
PCPU�
PCPU1
PCPU0
IFS
—
—
—
—
—
RXCTL
TXPS
RXPS
"—": Uni�ple�ented� �ead as "0"
I/O Logic Function Register List
Pull-high Resistors
Manyproductapplicationsrequirepull-highresistorsfortheirswitchinputsusuallyrequiringthe
useofanexternalresistor.Toeliminatetheneedfortheseexternalresistors,allI/Opins,when
configuredasaninputhavethecapabilityofbeingconnectedtoaninternalpull-highresistor.These
pull-highresistorsareselectedusingregistersPAPU~PCPU,andareimplementedusingweak
PMOStransistors.
• PxPU Register
Bit
7
6
5
4
3
2
1
0
Na�e
PxPU�
PxPU6
PxPU5
PxPU4
PxPU3
PxPU�
PxPU1
PxPU0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
PxPUn:I/OPortxPinpull-highfunctioncontrol
0:Disable
1:Enable
ThePxPUnbitisusedtocontrolthepinpull-highfunction.Herethe"x"canbeA,BorC.However,
theactualavailablebitsforeachI/OPortmaybedifferent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com