Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 175 page
background image
Rev. 1.00
�6
De�e��e� 01� �01�
Rev. 1.00
��
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
• STMC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
STM1
STM0
STIO1
STIO0
STOC
STPOL
STDPX
STCCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
STM1~STM0:SelectSTMOperatingMode
00:CompareMatchOutputMode
01:CaptureInputMode
10:PWMOutputModeorSinglePulseOutputMode
11:Timer/CounterMode
ThesebitssetuptherequiredoperatingmodefortheSTM.Toensurereliableoperation
theSTMshouldbeswitchedoffbeforeanychangesaremadetotheSTM1andSTM0
bits.IntheTimer/CounterMode,theSTMoutputpincontrolmustbedisabled.
Bit5~4
STIO1~STIO0:SelectSTPexternalpinfunction
CompareMatchOutputMode
00:Nochange
01:Outputlow
10:Outputhigh
11:Toggleoutput
PWMOutputMode/SinglePulseOutputMode
00:PWMoutputinactivestate
01:PWMoutputactivestate
10:PWMoutput
11:SinglePulseOutput
CaptureInputMode
00:InputcaptureatrisingedgeofSTP
01:InputcaptureatfallingedgeofSTP
10:Inputcaptureatrising/fallingedgeofSTP
11:Inputcapturedisabled
Timer/CounterMode
Unused
ThesetwobitsareusedtodeterminehowtheSTMoutputpinchangesstatewhena
certainconditionisreached.Thefunctionthatthesebitsselectdependsuponinwhich
modetheSTMisrunning.
IntheCompareMatchOutputMode,theSTIO1andSTIO0bitsdeterminehowthe
STMoutputpinchangesstatewhenacomparematchoccursfromtheComparator
A.TheTMoutputpincanbesetuptoswitchhigh,switchlowortotoggleitspresent
statewhenacomparematchoccursfromtheComparatorA.Whenthebitsareboth
zero,thennochangewilltakeplaceontheoutput.TheinitialvalueoftheSTMoutput
pinshouldbesetupusingtheSTOCbitintheSTMC1register.Notethattheoutput
levelrequestedbytheSTIO1andSTIO0bitsmustbedifferentfromtheinitialvalue
setupusingtheSTOCbitotherwisenochangewilloccurontheSTMoutputpinwhen
acomparematchoccurs.AftertheSTMoutputpinchangesstate,itcanberesettoits
initiallevelbychangingtheleveloftheSTONbitfromlowtohigh.
InthePWMOutputMode,theSTIO1andSTIO0bitsdeterminehowtheSTM
outputpinchangesstatewhenacertaincomparematchconditionoccurs.ThePWM
outputfunctionismodifiedbychangingthesetwobits.Itisnecessarytoonlychange
thevaluesoftheSTIO1andSTIO0bitsonlyaftertheSTMhasbeenswitchedoff.
UnpredictablePWMoutputswilloccuriftheSTIO1andSTIO0bitsarechanged
whentheSTMisrunning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com