Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 175 page
background image
Rev. 1.00
14
De�e��e� 01� �01�
Rev. 1.00
15
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
A.C. Characteristics
Fordatainthefollowingtables,notethatfactorssuchasoscillatortype,operatingvoltage,operating
frequencyandtemperatureetc.,canallexertaninfluenceonthemeasuredvalues.
High Speed Internal Oscillator – HIRC – Frequency Accuracy
DuringtheprogramwritingoperationthewriterwilltrimtheHIRCoscillatoratauserselected
HIRCfrequencyanduserselectedvoltageof3Vor5V.
8/12/16MHz
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Temp.
fHIRC
8MHz W�ite� T�i��ed HIRC
F�equen�y
3V/5V
�5°C
-1%
8
+1%
MHz
-40°C ~ 85°C
-�%
8
+�%
�.�V~5.5V
�5°C
-�.5%
8
+�.5%
-40°C ~ 85°C
-3%
8
+3%
1�MHz W�ite� T�i��ed HIRC
F�equen�y
3V/5V
�5°C
-1%
1�
+1%
MHz
-40°C ~ 85°C
-�%
1�
+�%
�.�V~5.5V
�5°C
-�.5%
1�
+�.5%
-40°C ~ 85°C
-3%
1�
+3%
16MHz W�ite� T�i��ed HIRC
F�equen�y
5V
�5°C
-1%
16
+1%
MHz
-40°C ~ 85°C
-�%
16
+�%
3.3V~5.5V
�5°C
-�.5%
16
+�.5%
-40°C ~ 85°C
-3%
16
+3%
Notes:1.The3V/5VvaluesforVDDareprovidedasthesearethetwoselectablefixedvoltagesatwhichtheHIRC
frequencyistrimmedbythewriter.
2.Therowbelowthe3V/5VtrimvoltagerowisprovidedtoshowthevaluesforthefullVDDrange
operatingvoltage.Itisrecommendedthatthetrimvoltageisfixedat3Vforapplicationvoltageranges
from2.2Vto3.6Vandfixedat5Vforapplicationvoltagerangesfrom3.3Vto5.5V.
3.Theminimumandmaximumtolerancevaluesprovidedinthetableareonlyforthefrequencyatwhich
thewritertrimstheHIRCoscillator.Aftertrimmingatthischosenspecificfrequencyanychangein
HIRCoscillatorfrequencyusingtheoscillatorregistercontrolbitsbytheapplicationprogramwillgive
afrequencytolerancetowithin±20%.
Low Speed Internal Oscillator Characteristics – LIRC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Temp.
fLIRC
LIRC F�equen�y
5V
25˚C
-10%
3�
+10%
kHz
�.�V~5.5V
-40˚C~85˚C
-50%
3�
+60%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com