Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 175 page
background image
Rev. 1.00
10
De�e��e� 01� �01�
Rev. 1.00
11
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
Pin Name
Function
OPT
I/T
O/T
Description
PC1/OSC�
PC1
PCPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high
OSC�
CO
—
HXT
High f�equen�y ��ystal pin
PC�
PC�
PCPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high
VDD
VDD
—
PWR
—
Powe� Supply
VSS
VSS
—
PWR
—
G�ound
Legend:I/T:Inputtype;
O/T:Outputtype;
OPT:Optionalbyconfigurationoption(CO)orregisteroption;
PWR:Power;
CO:Configurationoption;
ST:SchmittTriggerinput;
AN:Analogsignal;
CMOS:CMOSoutput;
HXT:Highfrequencycrystaloscillator;
LXT:Lowfrequencycrystaloscillator.
Absolute Maximum Ratings
SupplyVoltage.................................................................................................VSS-0.3VtoVSS+6.0V
InputVoltage...................................................................................................VSS-0.3VtoVDD+0.3V
StorageTemperature....................................................................................................-50˚Cto125˚C
OperatingTemperature..................................................................................................-40˚Cto85˚C
IOLTotal..................................................................................................................................... 80mA
IOHTotal....................................................................................................................................-80mA
TotalPowerDissipation......................................................................................................... 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"Absolute
MaximumRatings"maycausesubstantialdamagetothedevice.Functionaloperationof
thedevicesatotherconditionsbeyondthoselistedinthespecificationisnotimpliedand
prolongedexposuretoextremeconditionsmayaffectdevicereliability.
D.C. Characteristics
Fordatainthefollowingtables,notethatfactorssuchasoscillatortype,operatingvoltage,operating
frequency,pinloadconditions,temperatureandprograminstructiontype,etc.,canallexertan
influenceonthemeasuredvalues.
Operating Voltage Characteristics
Ta = 25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Ope�ating Voltage – HXT
fSYS = 8MHz
�.�
—
5.5
V
fSYS = 1�MHz
�.�
—
5.5
fSYS = 16MHz
3.3
—
5.5
Ope�ating Voltage – HIRC
fSYS = 8MHz
�.�
—
5.5
V
fSYS = 1�MHz
�.�
—
5.5
fSYS = 16MHz
3.3
—
5.5
Ope�ating voltage – LXT
fSYS = fLXT = 3�.�68kHz
�.�
—
5.5
V
Ope�ating voltage – LIRC
fSYS = fLIRC = 3�kHz
�.�
—
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com