Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 94 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 94 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 90Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 91Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 92Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 93Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 94Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 95Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 96Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 97Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 98Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 175 page
background image
Rev. 1.00
94
De�e��e� 01� �01�
Rev. 1.00
95
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
generatedevenifthevalueoftheCCRPbitsislessthanthatoftheCCRAregisters.Thereforewhen
PTCCLRishighnoPTMPFinterruptrequestflagwillbegenerated.IntheCompareMatchOutput
Mode,theCCRAcannotbesetto"0".
IftheCCRAbitsareallzero,thecounterwilloverflowwhenitsreachesitsmaximum10-bit,3FF
Hex,value,howeverherethePTMAFinterruptrequestflagwillnotbegenerated.
Asthenameofthemodesuggests,afteracomparisonismade,thePTMoutputpinwillchange
state.ThePTMoutputpinconditionhoweveronlychangesstatewhenaPTMAFinterruptrequest
flagisgeneratedafteracomparematchoccursfromComparatorA.ThePTMPFinterruptrequest
flag,generatedfromacomparematchoccursfromComparatorP,willhavenoeffectonthePTM
outputpin.ThewayinwhichthePTMoutputpinchangesstatearedeterminedbytheconditionof
thePTIO1andPTIO0bitsinthePTMC1register.ThePTMoutputpincanbeselectedusingthe
PTIO1andPTIO0bitstogohigh,togolowortotogglefromitspresentconditionwhenacompare
matchoccursfromComparatorA.TheinitialconditionofthePTMoutputpin,whichissetupafter
thePTONbitchangesfromlowtohigh,issetupusingthePTOCbit.NotethatifthePTIO1and
PTIO0bitsarezerothennopinchangewilltakeplace.
Counte� Value
0x3FF
CCRP
CCRA
PTON
PTPAU
PTPOL
CCRP Int. Flag
PTMPF
CCRA Int. Flag
PTMAF
PTM O/P Pin
Ti�e
CCRP=0
CCRP > 0
Counte� ove�flow
CCRP > 0
Counte� �lea�ed �y CCRP value
Pause
Resu�e
Stop
Counte�
Resta�t
Output pin set to
initial Level Low if
PTOC=0
Output Toggle
with PTMAF flag
Note PTIO [1:0] = 10
A�tive High Output sele�t
He�e PTIO [1:0] = 11
Toggle Output sele�t
Output not affe�ted �y
PTMAF flag. Re�ains High
until �eset �y PTON �it
Output Pin
Reset to Initial value
Output �ont�olled �y othe�
pin-sha�ed fun�tion
Output Inve�ts when
PTPOL is high
PTCCLR = 0; PTM [1:0] = 00
Compare Match Output Mode – PTCCLR = 0
Notes:1.WithPTCCLR=0,aComparatorPmatchwillclearthecounter
2.ThePTMoutputpiniscontrolledonlybythePTMAFflag
3.TheoutputpinisresettoitsinitialstatebyaPTONbitrisingedge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com