Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 174 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 174 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 167Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 168Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 169Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 170Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 171Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 172Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 173Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 174Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 175Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 174 / 175 page
background image
Rev. 1.00
1�4
De�e��e� 01� �01�
Rev. 1.00
1�5
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
20-pin NSOP (150mil) Outline Dimensions




)
*
+
,
-.
+
/
0
=
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.��8
0.�36
0.�44
B
0.146
0.154
0.161
C
0.009
—
0.01�
C’
0.38�
0.390
0.398
D
—
—
0.069
E
—
0.03� BSC
—
F
0.00�
—
0.009
G
0.0�0
—
0.031
H
0.008
—
0.010
α
0°
—
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
5.80
6.00
6.�0
B
3.�0
3.90
4.10
C
0.�3
—
0.30
C’
9.�0
9.90
10.10
D
—
—
1.�5
E
—
0.80 BSC
—
F
0.05
—
0.�3
G
0.50
—
0.80
H
0.�1
—
0.�5
α
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com