Electronic Components Datasheet Search
  English  ▼

X  

PSMN004-36P Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN004-36P
Description  N-channel enhancement mode field-effect transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN004-36P Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN004-36P Datasheet HTML 2Page - NXP Semiconductors PSMN004-36P Datasheet HTML 3Page - NXP Semiconductors PSMN004-36P Datasheet HTML 4Page - NXP Semiconductors PSMN004-36P Datasheet HTML 5Page - NXP Semiconductors PSMN004-36P Datasheet HTML 6Page - NXP Semiconductors PSMN004-36P Datasheet HTML 7Page - NXP Semiconductors PSMN004-36P Datasheet HTML 8Page - NXP Semiconductors PSMN004-36P Datasheet HTML 9Page - NXP Semiconductors PSMN004-36P Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Philips Semiconductors
PSMN004-36P/36B
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 19 November 2001
6 of 13
9397 750 08621
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Tj =25 °CTj =25 °C and 175 °C; VDS > ID x RDSON
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03ag45
0
20
40
60
80
0
0.2
0.4
0.6
0.8
1
VDS (V)
ID
(A)
2.4 V
Tj = 25 ºC
VGS = 2 V
2.8 V
2.6 V
10 V
2.2 V
5 V
03ag47
0
20
40
60
80
-0.2
0.6
1.4
2.2
3
VGS (V)
ID
(A)
VDS > ID x RDS(ON)
Tj = 25 ºC
175 ºC
03ag46
0
0.002
0.004
0.006
0.008
0.01
0
20406080
ID (A)
RDS(on)
(
Ω)
VGS = 2.6V
Tj = 25 ºC
10 V
5 V
2.8 V
03aa27
0
0.4
0.8
1.2
1.6
2
-60
0
60
120
180
Tj (
oC)
a
a
R
DSon
R
DSon 25 C
°
()
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com