Electronic Components Datasheet Search
  English  ▼

X  

AD7760 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7760
Description  2.5 MSPS, 20-Bit ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7760 Datasheet HTML 8Page - Analog Devices AD7760 Datasheet HTML 9Page - Analog Devices AD7760 Datasheet HTML 10Page - Analog Devices AD7760 Datasheet HTML 11Page - Analog Devices AD7760 Datasheet HTML 12Page - Analog Devices AD7760 Datasheet HTML 13Page - Analog Devices AD7760 Datasheet HTML 14Page - Analog Devices AD7760 Datasheet HTML 15Page - Analog Devices AD7760 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
AD7760
Preliminary Technical Data
Rev. PrN | Page 12 of 22
THEORY OF OPERATION
The AD7760 employs a sigma-delta conversion technique to
convert the analog input into an equivalent digital word. The
modulator samples the input waveform and outputs an
equivalent digital word to the digital filter at a rate equal to I
CLK.
Due to the high over-sampling rate, which spreads the
quantization noise from 0 to f
ICLK, the noise energy contained in
the band of interest is reduced (Figure 13a). To further reduce
the quantization noise, a high order modulator is employed to
shape the noise spectrum; so that most of the noise energy is
shifted out of the band of interest (Figure 13b).
The digital filtering which follows the modulator removes the
large out-of-band quantization noise (Figure 13c) while also
reducing the data rate from f
ICLK at the input of the filter to fICLK/8
or less at the output of the filter, depending on the decimation
rate used.
Digital filtering has certain advantages over analog filtering. It
does not introduce significant noise or distortion and can be
made perfectly linear phase.
The AD7760 employs three Finite Impulse Response (FIR)
filters in series. By using different combinations of decimation
ratios and filter selection and bypassing, data can be obtained
from the AD7760 at a large range of data rates. Multi-bit data
from the modulator can be obtained at a rate of 20MHz. The
first filter receives data from the modulator at 20MHz where it
is decimated by four to output data at 5MHz. This partially
filtered data can also be output at this stage. The second filter
allows the decimation rate to be chosen from 2x to 32x or to be
BAND OF INTEREST
fICLK/2
DIGITAL FILTER CUTOFF FREQUENCY
BAND OF INTEREST
QUANTIZATION NOISE
fICLK/2
BAND OF INTEREST
fICLK/2
NOISE SHAPING
a.
b.
c.
Figure 13. Sigma-Delta ADC
completely bypassed. The third filter has a fixed decimation rate
of 2x and is user programmable as well as having a default
configuration. It is described in detail in the Programmable FIR
Filter Section. This filter can also be bypassed. Table X below
shows some characteristics of the default filter. The group delay
of the filter is defined to be the delay to the centre of the
impulse response and is equal to the computation + filter delays.
The delay until valid data is available (the DVALID status bit is
set) is equal to 2x the filter delay + the computation delay.
Table 5. Configuration With Default Filter
ICLK
Frequency
Filter 1
Filter 2
Filter 3
Data State
Computation
Delay
Filter Delay
Passband
Bandwidth
Output Data
Rate (ODR)
20 MHz
Bypassed
Bypassed
Bypassed
Unfiltered
0
0
(10 MHz)
20 MHz
20 MHz
4x
Bypassed
Bypassed
Partially Filtered
0.325
1.2µS
1.35 MHz
5 MHz
20 MHz
4x
Bypassed
2x
Fully Filtered
1.075
10.8µS
1 MHz
2.5 MHz
20 MHz
4x
2x
Bypassed
Partially Filtered
1.35
3.6µS
562.5 kHz
2.5 MHz
20 MHz
4x
2x
2x
Fully Filtered
1.625
22.8µS
500 kHz
1.25 MHz
20 MHz
4x
4x
Bypassed
Partially Filtered
1.725
6µS
281.25 kHz
1.25 MHz
20 MHz
4x
4x
2x
Fully Filtered
1.775
44.4µS
250 kHz
625 kHz
20 MHz
4x
8x
Bypassed
Partially Filtered
2.6
10.8µS
140.625 kHz
625 kHz
20 MHz
4x
8x
2x
Fully Filtered
2.25
87.6µS
125 kHz
312.5 kHz
20 MHz
4x
16x
Bypassed
Partially Filtered
4.175
20.4µS
70.3125 kHz
312.5 kHz
20 MHz
4x
16x
2x
Fully Filtered
3.1
174µS
62.5 kHz
156.25 kHz
20 MHz
4x
32x
Bypassed
Partially Filtered
7.325
39.6µS
35.156 kHz
156.25 kHz
20 MHz
4x
32x
2x
Fully Filtered
4.65
346.8µS
31.25 kHz
78.125 kHz
12.288MHz
4x
8x
2x
Fully Filtered
3.66
142.6µS
76.8 kHz
192 kHz
12.288MHz
4x
16x
2x
Fully Filtered
5.05
283.2µS
38.4 kHz
96 kHz
12.288MHz
4x
32x
Bypassed
Partially Filtered
11.92
64.45µS
21.6 kHz
96 kHz
12.288MHz
4x
32x
2x
Fully Filtered
7.57
564.5µS
19.2 kHz
48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com