Electronic Components Datasheet Search
  English  ▼

X  

AD7760 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7760
Description  2.5 MSPS, 20-Bit ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7760 Datasheet HTML 12Page - Analog Devices AD7760 Datasheet HTML 13Page - Analog Devices AD7760 Datasheet HTML 14Page - Analog Devices AD7760 Datasheet HTML 15Page - Analog Devices AD7760 Datasheet HTML 16Page - Analog Devices AD7760 Datasheet HTML 17Page - Analog Devices AD7760 Datasheet HTML 18Page - Analog Devices AD7760 Datasheet HTML 19Page - Analog Devices AD7760 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
AD7760
Preliminary Technical Data
Rev. PrN | Page 16 of 22
USING THE AD7760
The following is the recommended sequence for powering up
and using the AD7760.
1.
Apply Power
2.
Start clock oscillator, applying MCLK
3.
Take RESET low for a minimum of 1 MCLK cycle
4.
Wait a minimum of 2 MCLK cycles after RESET has
been released.
5.
Write to Control Register 2 to power up the ADC and
the differential amplifiers as required. The correct
Clock Divider (CDIV[1:0]) ratio should be
programmed here also.
6.
Write to Control Register 1 to set up the Output Data
Rate.
7.
Take SYNC low for a minimum of 2 MCLK cycles.
Data can now be read from the part using the default filter,
offset, gain and over range threshold values. The
conversion data read will not be valid however until the
group delay of the filter has passed. When this has
occurred, the DVALID bit read with the data LSW will be
set indicating that the data is indeed valid.
The user can now download their own filter if required
(see Downloading a User-Defined Filter). Values for gain,
offset and over range threshold registers can be written or
read at this stage. An internal calibration sequence can also
be initiated at this point.
BIAS RESISTOR SELECTION
The AD7760 requires a resistor to be connected between the
RBIAS pin and AGND. The value for this resistor is dependant on
the reference voltage being applied to the device. The resistor
value should be selected to give a current of 25µA through the
resistor to ground. For a 2.5V reference voltage, the correct
resistor value is 100kΩ and for a 4.096V reference, 160kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com