Electronic Components Datasheet Search
  English  ▼

X  

AD7760 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7760
Description  2.5 MSPS, 20-Bit ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7760 Datasheet HTML 13Page - Analog Devices AD7760 Datasheet HTML 14Page - Analog Devices AD7760 Datasheet HTML 15Page - Analog Devices AD7760 Datasheet HTML 16Page - Analog Devices AD7760 Datasheet HTML 17Page - Analog Devices AD7760 Datasheet HTML 18Page - Analog Devices AD7760 Datasheet HTML 19Page - Analog Devices AD7760 Datasheet HTML 20Page - Analog Devices AD7760 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Preliminary Technical Data
AD7760
Rev. PrN | Page 17 of 22
PROGRAMMABLE FIR FILTER
As previously mentioned, the third FIR filter on the AD7760 is
user programmable. The default coefficients that are loaded on
reset are given in Table 8. This gives a frequency response
shown in Figure 19. The frequencies quoted in Figure 19 scale
directly with the Output Data Rate.
Table 8. Default Filter Coefficients
#
Dec. Value
Hex
Value
#
Dec.
Value
Hex Value
0
53656736
332BCA0
24
700847
AB1AF
1
25142688
17FA5A0
25
-70922
401150A
2
-4497814
444A196
26
-583959
408E917
3
-11935847
4B62067
27
-175934
402AF3E
4
-1313841
4140C31
28
388667
5EE3B
5
6976334
6A734E
29
294000
47C70
6
3268059
31DDDB
30
-183250
402CBD2
7
-3794610
439E6B2
31
-302597
4049E05
8
-3747402
4392E4A
32
16034
3EA2
9
1509849
1709D9
33
238315
3A2EB
10
3428088
344EF8
34
88266
158CA
11
80255
1397F
35
-143205
4022F65
12
-2672124
428C5FC
36
-128919
401F797
13
-1056628
4101F74
37
51794
CA52
14
1741563
1A92FB
38
121875
1DC13
15
1502200
16EBF8
39
16426
402A
16
-835960
40CC178
40
-90524
401619C
17
-1528400
4175250
41
-63899
400F99B
18
93626
16DBA
42
45234
B0B2
19
1269502
135EFE
43
114720
1C020
20
411245
6466D
44
102357
18FD5
21
-864038
40D2F26
45
52669
CDBD
22
-664622
40A242E
46
15559
3CC7
23
434489
6A139
47
1963
7AB
The default filter should be sufficient for almost all applications.
It is a standard brick wall filter with a symmetrical impulse
response. The default filter has a length of 96, in non-aliasing
with 120dB of attenuation at Nyquist. This filter not only
performs signal anti-aliasing but also suppresses out-of-band
quantization noise produced by the A-D conversion process.
Any significant relaxation in the stop-band attenuation or
transition band width relative to the default filter may result in a
failure to meet the SNR specifications.
If a user does wish to create their own filter then the following
should be noted:
•
The filter must be even, symmetrical FIR.
•
The coefficients are in sign-and-magnitude format
with 26 magnitude bits and sign coded as positive=0.
•
The filter length must be between 12 and 96 in steps
of 12.
•
As the filter is symmetrical, the number of coefficients
that must be downloaded will be half the filter length.
The default filter coefficients are an example of this
with only 48 coefficients listed for a 96-tap filter.
•
Coefficients are written from the center of impulse
response (adjacent to the point of symmetry)
outwards.
•
The coefficients are scaled so that the in-band gain of
the filter is equal to 134217726 with the coefficients
rounded to the nearest integer. For a low pass filter
this is the equivalent of having the coefficients sum
arithmetically (including sign) to +67108863 (0x3FF
FFFF) positive value over the half-impulse-response
coefficient set (max 48 coefficients). Any deviation
from this will result in a gain error being introduced.
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency (kHz)
Passband Ripple = 0.05 dB
-0.1dB Frequency = 1.004MHz
-3dB Frequency = 1.06MHz
Stopband = 1.25MHz
Figure 19. Default Filter Frequency Response (2.5MHz ODR)
The procedure for downloading a user-defined filter is detailed
in the Downloading a User-Defined Filter section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com