Electronic Components Datasheet Search
  English  ▼

X  

AD7760 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7760
Description  2.5 MSPS, 20-Bit ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7760 Datasheet HTML 14Page - Analog Devices AD7760 Datasheet HTML 15Page - Analog Devices AD7760 Datasheet HTML 16Page - Analog Devices AD7760 Datasheet HTML 17Page - Analog Devices AD7760 Datasheet HTML 18Page - Analog Devices AD7760 Datasheet HTML 19Page - Analog Devices AD7760 Datasheet HTML 20Page - Analog Devices AD7760 Datasheet HTML 21Page - Analog Devices AD7760 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Preliminary Technical Data
AD7760
Rev. PrN | Page 19 of 22
Table 11 shows the Hex values (in sign and magnitude format)
that are downloaded to the AD7760 to realize this filter. The
table is also split into the bytes which are all summed to
produce the checksum. The checksum generated from these
coefficients is 0x0E6B.
Table 11. Filter Hex Values
Coeff
Word 1
Word 2
Byte 1
Byte 2
Byte 3
Byte 4
1
03
2B
96
88
2
01
BF
18
3C
3
00
15
66
26
4
04
A8
1E
6A
5
04
5F
2A
96
6
00
2C
49
C2
7
00
50
E9
F6
8
00
10
DB
D8
9
04
2F
DE
54
10
04
37
44
5A
11
04
1B
7D
6E
12
04
04
3B
5F
What follows is a list of 16-bit words that the user would write
to the AD7760 to set up the ADC and download this filter
assuming an output data rate of 1.25MHz has already been
selected.
0x0001 Address of Control Register 1
0x8079 Control Reg Data; DL Filter, Set Filter Length = 24, Set
Output Data Rate = 1.25MHz
0x032B First Coefficient, Word 1
0x9688 First Coefficient, Word 2
0x01BF Second Coefficient, Word 1
0x183C Second Coefficient, Word 2
…
…
0x0404 Twelfth (Final) Coefficient, Word 1
0x3B5F Final Coefficient, Word 2
0x0E6B Checksum
Wait TBD xS for AD7760 to fill remaining unused coefficients
with zeros.
0x0001 Address of Control Register
0x0879 Control Reg Data; Set Read Status and maintain filter
length and decimation settings.
Read contents of Status Register. Check Bit 7 (DL_OK) to
determine that the filter was downloaded correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com