Electronic Components Datasheet Search
  English  ▼

X  

AD7760 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7760
Description  2.5 MSPS, 20-Bit ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 3 Page - Analog Devices

  AD7760 Datasheet HTML 1Page - Analog Devices AD7760 Datasheet HTML 2Page - Analog Devices AD7760 Datasheet HTML 3Page - Analog Devices AD7760 Datasheet HTML 4Page - Analog Devices AD7760 Datasheet HTML 5Page - Analog Devices AD7760 Datasheet HTML 6Page - Analog Devices AD7760 Datasheet HTML 7Page - Analog Devices AD7760 Datasheet HTML 8Page - Analog Devices AD7760 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Preliminary Technical Data
AD7760
Rev. PrN | Page 3 of 22
AD7760—SPECIFICATIONS
Table 1. VDD1 = 2.5 V, VDD2 = 5 V, VREF = 4.096 V, TA = +25°C, Full Power Mode, unless otherwise noted
Parameter
Test Conditions/Comments
Specifcation
Unit
DYNAMIC PERFORMANCE
Decimate by 256
MCLK = 24.576MHz, ODR = 48kHz, FIN = 1kHz Sine Wave
Signal to Noise Ratio (SNR) 1
118
dB typ
Spurious Free Dynamic Range (SFDR) 1
Non-harmonic
118
dBFS typ
Total Harmonic Distortion (THD) 1
Input Amplitude = -6dB
-100
dB typ
Intermodulation Distortion (IMD) 1
-100
dB typ
Decimate by 16
MCLK = 40MHz, ODR = 1.25MHz, FIN =100kHz Sine Wave
Signal to Noise Ratio (SNR) 1
103
dB typ
Spurious Free Dynamic Range (SFDR) 1
Non-harmonic
103
dBFS typ
Total Harmonic Distortion (THD) 1
Input Amplitude = -6dB
-100
dB typ
Intermodulation Distortion (IMD) 1
-100
dB typ
Decimate by 8
MCLK = 40MHz, ODR = 2.5MHz, FIN = 100kHz Sine Wave
Signal to Noise Ratio (SNR) 1
100
dB typ
Spurious Free Dynamic Range (SFDR) 1
Non-harmonic
100
dBFS typ
Total Harmonic Distortion (THD) 1
Input Amplitude = -6dB
-100
dB typ
Intermodulation Distortion (IMD) 1
FIN = 100kHz Sine Wave
-100
dB typ
Intermodulation Distortion (IMD) 1
FIN = 1MHz Sine Wave
-100
dB typ
DC ACCURACY
Resolution
20
Bits
Integral Nonlinearity1
At 18 bits
1
LSB typ
Differential Nonlinearity1
Guaranteed monotonic to 20 bits
1
LSB typ
Offset Error1
0.03
% typ
Gain Error1
5
LSB typ
Offset Error Drift
0.0006
% /°C
Gain Error Drift
0.1
LSB /°C
DIGITAL FILTER RESPONSE
Decimate by 8
Group Delay
MCLK = 40MHz
12
µS typ
Decimate by 16
Group Delay
MCLK = 40MHz
24
µS typ
Decimate by 128
Group Delay
MCLK = 24.576MHz
480
µS typ
ANALOG INPUT
Differential Input Voltage
Vin(+) – Vin(-), VREF = 2.5V
±2
V pk-pk
Vin(+) – Vin(-), VREF = 4.096V
±3.25
V pk-pk
DC Leakage Current
±2
µA max
Input Capacitance
With internal buffer
5
pF typ
With external buffer
55
pF typ
REFERENCE INPUT/OUTPUT
VREF Input Voltage
VDD3 = 3.3V
+2.5
Volts
VDD3 = 5V
+4.096
Volts
VREF Input DC Leakage Current
±1
µA max
VREF Input Capacitance
5
pF max
POWER REQUIREMENTS
AVDD1 (Modulator Supply)
±5%
+2.5
Volts
AVDD2 (General Supply)
±5%
+5
Volts
AVDD3 (Diff-Amp Supply)
+3.0/+5.5
V min/max
AVDD4 (Ref Buffer Supply)
+3.15/+5.25
V min/max
DVDD
±5%
+2.5
Volts
VDRIVE
+1.65/+2.7
V min/max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com