Electronic Components Datasheet Search
  English  ▼

X  

LRP Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # LRP
Description  Metal Strip Chip High Power Low Ohmic Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRP Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  LRP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 5/7
Reflow Soldering
Soldering Condition (Reflow soldering only) (LRP)
(LRP) Reflow Soldering
Time of IR reflow soldering at maximum temperature point 260℃:10s
Time of soldering iron at maximum temperature point 410℃:5s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com