Electronic Components Datasheet Search
  English  ▼

X  

LRP Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # LRP
Description  Metal Strip Chip High Power Low Ohmic Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRP Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

  LRP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 6/7
Environmental Characteristics
Environmental Characteristics (LRP)
Item
Requirement Test Method
Thermal Shock
±1%
IEC-60115-1 4.19
JIS-C-5201-1 4.19
-55℃ ~ 155℃, 5 cycles
Short Time Overload
±1%
IEC60115-1 4.13
JIS-C-5201-1 4.13
5*rated power for 5 seconds
Low Temperature Storage
±1%
IEC-60115-1 4.23.4
JIS-C-5201-1 4.23.4
at-55℃ for 1000 hrs
Biased Humidity
±1%
MIL-STD-202 Method 103
1000 hrs 85℃/85% RH 10% of operating power
Bending Strength
±1%
IEC-60115-1 4.33
JIS-C-5201-1 4.33
Bending width 2mm once for 5 seconds
Endurance
±1%
IEC60115-1 4.25
JIS-C-5201-1 4.25.1
70±2℃, RCWV for 1000 hrs with 1.5 hrs “ON” and 0.5
hrs “OFF”
Dry Heat
±1%
IEC60115-1 4.23.2
JIS-C-5201-1 4.23.2
at +170℃ for 1000 hrs
Resistance to Soldering Heat
±0.5%
IEC-60115-1 4.18
JIS-C-5201-1 4.18
260±5℃, for 10 seconds
Insulation Resistance
>100MΩ
IEC60115-1 4.6
JIS-C-5201-1 4.13
100V DC for 1 minute
Solderability
95% min
coverage
IEC-60115-1 4.17
JIS-C-5201-1 4.17
245±5℃ for 3 seconds
Temperature Coefficient of
Resistance (T.C.R.)
As Spec.
IEC60115-1 4.8
JIS-C-5201-1 4.8
-55℃ ~+125℃. (25℃ is the reference temperature)
Rated continuous Working Voltage (RCWV) =
√�������������������� ������������������������ × ���������������������������������������� �������������������� (����) or Max. Operating voltage
whichever is lower.
Storage Temperature: 25±3℃; Humidity < 80%RH;



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com