Electronic Components Datasheet Search
  English  ▼

X  

LRP Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # LRP
Description  Metal Strip Chip High Power Low Ohmic Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRP Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  LRP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 3/7
Electrical Specification
Electrical Specifications Chip 2512 (LRP)
Type
Power Rating at
70℃
Operating Temp.
Range
Resistance
Tolerance (± %)
Resistance (mΩ)
TCR (±PPM/
℃
)
LRP12
(2512)
1W, 2W, 3W
-55℃ ~ +170℃
±0.5%, ±1%, ±5%
15, 18, 20, 22, 25, 30, 33,
35, 39, 40, 47, 50, 60, 68,
70, 75, 80, 82, 90, 91, 100
±50
7, 8, 9, 10, 12, 15, 18, 20,
22, 25, 30, 33, 35, 39, 40,
47, 50, 60, 68, 70, 75, 80,
82, 90, 91, 100
±75
Operating Current I =
√( ���� / ���� ) Operating Voltage V = √���� ∗ ����. or Max. Operating voltage whichever is lower.
Token is capable of manufacturing the optional spec based on customer’s requirement.
Derating Curve (LRP)
(LRP) Power Derating Curve
Recommend Land Pattern (LRP)
Type
A (mm)
B (mm)
C (mm)
LRP12
4.00
2.00
3.50
Recommend Land Pattern
FR4 copper board, 100μm of copper pad thickness.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com