Electronic Components Datasheet Search
  English  ▼

X  

LRP Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # LRP
Description  Metal Strip Chip High Power Low Ohmic Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRP Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  LRP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 4/7
Reel & Tape
Packing Quantity & Reel Specifications (LRP)
Type
Packaging Quantity
Tape Width
Reel
Diameter
ΦA (mm)
ΦB (mm)
ΦC (mm)
W (mm)
T (mm)
LRP12
Embossed 4,000 pcs
12 mm
7 inch
178.0±1.5
60.0±1.0
13.0±0.5
13.0±1.0
15.5±0.5
Reel Specifications Dimensions
Emboss Plastic Tape Specifications (LRP)
Type
A (mm) B (mm) W (mm) E (mm) F (mm) P0(mm) P1(mm) P2(mm) ΦD0(mm) ΦD1(mm)
T
LRP12 3.50±0.10 6.70±0.10 12.0±0.30 1.75±0.10 5.5±0.05 4.0±0.10 4.0±0.10 2.0±0.05 1.50±0.10 1.50±0.25 1.2±0.15
Low Ohm Metal Strip (LRP) Emboss Plastic Tape Specifications
Notice:
1. The cumulative tolerance of 10 sprocket hole pitch is ±0.2mm.
2. Carrier camber shall be not more than 1mm per 100mm through a length of 250mm.
3. A & B measured 0.3mm from the bottom of the packet.
4. t measured at a point on the inside bottom of the packet to the top surface of the carrier.
5. Pocket position relative to sprocket hole is measured as the true position of the pocket and not the pocket hole.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com