Electronic Components Datasheet Search
  English  ▼

X  

LRP Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # LRP
Description  Metal Strip Chip High Power Low Ohmic Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRP Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

  LRP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 7/7
Order Codes
Order Codes (LRP)
LRP
12
F
TR
D
S
R050
Product
Type
Dimensions
(L×W)(mm)
12 EIA2512
Resistance
Tolerance
(%)
D
±0.5
F
±1
J
±5
Package
TR
Taping
Reel
TCR
(PPM/℃)
D
±50
W
±75
Power
Rating(W)
T
1
S
2
R
3
Resistance
(Ω)
R015 0.015
R050 0.05
Marking
No
Marking
General Information
Your Current Options - Token Current Sense
As the world becomes more and more technology-driven, the uses for current sensing components will
continue to increase. The need for even lower resistance value ranges is already becoming evident, as
is the need for these resistors to handle more power. The industry-wide trend is the emergence of
smaller and smaller products.
Token Electronics offers a wide variety of current sensing products from the industry to military
standards, such as current sense in Thin-Film / Thick-Film Technology, Bare Element Resistors, and
Open Air Shunts. This enables Token to present an astounding number of possible solutions for any
circuit design needs.
Applications of Current Detecting Components
Token's TCS and CS Series unique form factor provides automotive designers with several advantages.
Both TCS and CS Series are ideal for applications involving window lift motors, fuel pump systems,
seat belt pretensioners, and pulse width modulator feedback.
The wider resistive element and lower resistance enables higher current to pass through the device.
Token's LRC ultra low Ohmic metal strip chip series provides the inherent ability to flex slightly and
offers stress relief during extreme temperature cycling on typical or metal substrates. This LRC series
is suitable for switch power supply applications (DC-DC Converter, Charger, and Adaptor) and power
management of monitor.
The open air design of bare element resistor LRA and LRB Series provide a far cooler operation by
allowing more air flow under the resistive element to keep excess heat from being transmitted to the
PC board. They are suitable for high power AC/DC detection of power supply circuit.
Token axial moulded BWL series provides power rating up to 10 watts and lower resistance 0.005Ω, is
ideal for all types of current sensing applications including switching and linear power supplies,
instruments and power amplifiers.
Token standard current sensing components can be replacement for Vishay, IRC, Ohmite, KOA, Yageo
devices with fast delivery and more competitive price. Contact us with your specific needs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com