Electronic Components Datasheet Search
  English  ▼

X  

SL28610 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SL28610
Description  Low Power Clock Generator for Intel짰 Ultra Mobile Platform
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28610 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SL28610 Datasheet HTML 6Page - Silicon Laboratories SL28610 Datasheet HTML 7Page - Silicon Laboratories SL28610 Datasheet HTML 8Page - Silicon Laboratories SL28610 Datasheet HTML 9Page - Silicon Laboratories SL28610 Datasheet HTML 10Page - Silicon Laboratories SL28610 Datasheet HTML 11Page - Silicon Laboratories SL28610 Datasheet HTML 12Page - Silicon Laboratories SL28610 Datasheet HTML 13Page - Silicon Laboratories SL28610 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SL28610
...................... DOC #: SP-AP-0078 (Rev. 1.0) Page 10 of 23
Byte 17: Control Register 17
Byte 18: Control Register 18
Byte 19: Control Register 19
Bit
@Pup
Name
Description
7
0
PLL1_DAF_N7
If Prog_PLL1_EN is set, the values programmed in PLL1_DAF_N[7:0] and
PLL1_DAF_M[7:0] are used to determine the PLL1 output frequency.
6
0
PLL1_DAF_N6
5
0
PLL1_DAF_N5
4
0
PLL1_DAF_N4
7
0
PLL1_DAF_N3
2
0
PLL1_DAF_N2
1
0
PLL1_DAF_N1
0
0
PLL1_DAF_N0
Bit
@Pup
Name
Description
7
0
PLL1_DAF_M7
If Prog_PLL1_EN is set, the values programmed in PLL1_DAF_N[7:0] and
PLL1_DAF_M[7:0] are used to determine the PLL1 output frequency.
6
0
PLL1_DAF_M6
5
0
PLL1_DAF_M5
4
0
PLL1_DAF_M4
7
0
PLL1_DAF_M3
2
0
PLL1_DAF_M2
1
0
PLL1_DAF_M1
0
0
PLL1_DAF_M0
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED
6
0
RESERVED
RESERVED
5
0
Prog_PLL1_EN
Programmable PLL1 frequency enable
0 = Disabled, 1= Enabled
4
0
Prog_PLL3_EN
Programmable PLL3 frequency enable
0 = Disabled, 1= Enabled
3
0
CPU_OEB_DRIVE _Mode Controls CPU Output Drive States
1 = OUT=LOW and OUT#=LOW
0= OUT=HIGH and OUT#=LOW
2
0
PCIe_OEB_DRIVE _Mode Controls PCIe Output Drive States
1 = OUT=LOW and OUT#=LOW
0= OUT=HIGH and OUT#=LOW
1
0
LVDS_OEB_DRIVE _Mode Controls LVDS Output Drive States
1 = OUT=LOW and OUT#=LOW
0= OUT=HIGH and OUT#=LOW
0
0
DOT_OEB_DRIVE _Mode Controls DOT Output Drive States
1 = OUT=LOW and OUT#=LOW
0= OUT=HIGH and OUT#=LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com