Electronic Components Datasheet Search
  English  ▼

X  

SL28610 Datasheet(PDF) 20 Page - Silicon Laboratories

Part # SL28610
Description  Low Power Clock Generator for Intel짰 Ultra Mobile Platform
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28610 Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button SL28610 Datasheet HTML 15Page - Silicon Laboratories SL28610 Datasheet HTML 16Page - Silicon Laboratories SL28610 Datasheet HTML 17Page - Silicon Laboratories SL28610 Datasheet HTML 18Page - Silicon Laboratories SL28610 Datasheet HTML 19Page - Silicon Laboratories SL28610 Datasheet HTML 20Page - Silicon Laboratories SL28610 Datasheet HTML 21Page - Silicon Laboratories SL28610 Datasheet HTML 22Page - Silicon Laboratories SL28610 Datasheet HTML 23Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
SL28610
...................... DOC #: SP-AP-0078 (Rev. 1.0) Page 20 of 23
Clock-Clock#
VIH = +150mV
0.0V
VIL = -150mV
Negative Duty Cycle (Differential)
Positive Duty Cycle (Differential)
Clock Period (Differential)
0.0V
0.0V
VIH = +150mV
0.0V
VIL = -150mV
Rise
Edge
Rate
Fall
Edge
Rate
Clock-Clock#
Figure 9. Differential Measurement for Differential Output Signals (for AC Parameters Measurement)
VMIN = 0.30V
VMIN = 0.30V
VcrossMIN = 300mV
VcrossMAX = 550mV
VcrossMIN = 300mV
VcrossMAX = 550mV
VMAX = 1.15V
VMAX = 1.15V
CLK#
CLK
CLK#
Vcross delta = 140mV
Vcross delta = 140mV
CLK
CLK#
CLK#
CLK
Vcross median
Vcross median
Vcross median +75mV
Vcross median -75mV
CLK
Figure 10. Single-ended Measurement for Differential Output Signals (for AC Parameters Measurement)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com