Electronic Components Datasheet Search
  English  ▼

X  

SL28610 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SL28610
Description  Low Power Clock Generator for Intel짰 Ultra Mobile Platform
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28610 Datasheet(HTML) 2 Page - Silicon Laboratories

  SL28610 Datasheet HTML 1Page - Silicon Laboratories SL28610 Datasheet HTML 2Page - Silicon Laboratories SL28610 Datasheet HTML 3Page - Silicon Laboratories SL28610 Datasheet HTML 4Page - Silicon Laboratories SL28610 Datasheet HTML 5Page - Silicon Laboratories SL28610 Datasheet HTML 6Page - Silicon Laboratories SL28610 Datasheet HTML 7Page - Silicon Laboratories SL28610 Datasheet HTML 8Page - Silicon Laboratories SL28610 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SL28610
........................ DOC #: SP-AP-0078 (Rev. 1.0) Page 2 of 23
Pin Definitions
Pin No.
Name
Type
Description
1
CPU_STP#
I, SE
3.3V input for CPU_STP# (active low) functionality
2
CKPWRGD#/PD
I, SE
3.3V LVTTL input (active low)
3
XOUT
O, SE 3.3V, 14.31818MHz crystal output (When used a clock input, float XOUT)
4
XIN/CLKIN
I, SE
3.3V, 14.31818MHz crystal input, 3.3V Clock Input.
5
VDD3.3V
PWR
3.3V power supply for single-ended clock
6
REF / PCIe_SEL
IO, PD,
SE
3.3V, 14.31818MHz output / 1.5V input active high signal latched on CKPWRGD#
signal to select PCIe from PLL3 (share with LCD PLL; 100K-ohm internal pull-down)
7
VSS
GND
Ground
8
VDD1.5_CORE
PWR
1.5V power supply for core
9
FSC
I, SE
1.05V Frequency Select C
10
TEST_MODE
I, SE
3.3V-tolerant input to selects Ref/N or Tri-state when in test mode.
0 = Tri-state, 1 = Ref/N
11
TEST_SEL
I, SE
3.3V-tolerant input to selects TEST_SEL
0 = Normal, 1 = Test Entry
12
SCLK
I, SE
3.3V SMBus Clock Line
13
SDATA
I/O, SE 3.3V SMBus Data Line
14
VDD1.5_CORE
PWR
1.5V power supply for core
15
VDD1.5_IO
PWR
1.5V power supply for differential outputs
16
DOT96#
O, DIFF Fixed complimentary 96MHz clock output
17
DOT96
O, DIFF Fixed true 96MHz clock output
18
VSS
GND
Ground
19
VSS
GND
Ground
20
LCD_SSC#
O, DIF Complementary 100MHz Differential clock
21
LCD_SSC
O, DIF True 100MHz Differential clock
22
VDD1.5_IO
PWR
1.5V power supply for differential outputs
23
VDD1.5_CORE
PWR
1.5V power supply for core
24
OE_0#
I, SE
Output enable for PCIe0, (10K-ohm internal pull-up)
0 =enable, 1=disable
25
VSS
GND
Ground
26
PCIe0#
O, DIF Complementary 100MHz Differential clock
27
PCIe0
O, DIF True 100MHz Differential clock
28
OE_1#
I, SE
Output enable for PCIe1, (10K-ohm internal pull-up)
0 =enable, 1=disable
29
VDD1.5_CORE
PWR
1.5V Power Supply for core
30
VDD1.5_IO
PWR
1.5V Power Supply for differential output
31
PCIe1#
O, DIF Complementary 100MHz Differential clock
32
PCIe1
O, DIF True 100MHz Differential clock
33
VSS
GND
Ground
34
PCIe2#
O, DIF Complementary 100MHz Differential clock
35
PCIe2
O, DIF True 100MHz Differential clock
36
OE_2#
I, SE
Output enable for PCIe2, (10K-ohm internal pull-up)
0 =enable, 1=disable
37
FSB
I, SE
1.05V Frequency Select B
38
CPU0#
O, DIF Complementary Host Differential clock
39
CPU0
O, DIF True Host Differential clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com