Electronic Components Datasheet Search
  English  ▼

X  

SL28610 Datasheet(PDF) 18 Page - Silicon Laboratories

Part # SL28610
Description  Low Power Clock Generator for Intel짰 Ultra Mobile Platform
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28610 Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button SL28610 Datasheet HTML 14Page - Silicon Laboratories SL28610 Datasheet HTML 15Page - Silicon Laboratories SL28610 Datasheet HTML 16Page - Silicon Laboratories SL28610 Datasheet HTML 17Page - Silicon Laboratories SL28610 Datasheet HTML 18Page - Silicon Laboratories SL28610 Datasheet HTML 19Page - Silicon Laboratories SL28610 Datasheet HTML 20Page - Silicon Laboratories SL28610 Datasheet HTML 21Page - Silicon Laboratories SL28610 Datasheet HTML 22Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
SL28610
...................... DOC #: SP-AP-0078 (Rev. 1.0) Page 18 of 23
TSKEW
Pin-to-pin Skew
Measured at 0V differential
–
100
ps
TR / TF
DOT96 Clock Rise and Fall Time
Measured differentially from ±150 mV
0.6
4
V/ns
TRFM
Rise/Fall Matching
Measured single-endedly from ±75 mV
–
20
%
Vabs
Absolute Min and Max VSWING
Measured single-endedly
–0.3
1.15V
V
VOX
Crossing Point Voltage at 0.7V Swing
Measured single-endedly
300
550
mV
Vox_variation Crossing Point Variation
Measured single-endedly
140
mV
VOVS
Maximum Voltage (Overshoot)
Measured single-endedly
VHIGH+
0.3V
V
VUDS
Maximum Voltage (Undershoot)
Measured single-endedly
0.3
V
VRB
Ring back voltage
Measured single-endedly
-100
100
mV
TSTABLE
Time before VRB
Measured single-endedly
500
ps
LCD_100_SSC at 0.7V
TDC
SSC Clock Duty Cycle
Measured at 0V differential
45
55
%
TPERIOD
100 MHz SSC Clock Period
Measured at 0V differential at 0.1s
9.997001
10.0030
ns
TPERIODSS
100 MHz SSC Clock Period, SSC
Measured at 0V differential at 0.1s
9.997001
10.05327
ns
TPERIODAbs
100 MHz SSC Clock Absolute Period
Measured at 0V differential at 1 clock
9.912001
10.08800
ns
TPERIODSSAbs 100 MHz SSC Clock Absolute Period,
SSC
Measured at 0V differential at 1 clock
9.912001
10.13827
ns
TCCJ
SSC Clock Cycle to Cycle Jitter
Measured at 0V differential
–
250
ps
LACC
SSC Clock Long Term Accuracy
Measured at 0V differential
–
300
ppm
TSKEW
Pin-to-pin Skew
Measured at 0V differential
–
100
ps
TR / TF
SSC Clock Rise and Fall Time
Measured differentially from ±150 mV
0.6
4
V/ns
TRFM
Rise/Fall Matching
Measured single-endedly from ±75 mV
–
20
%
Vabs
Absolute Min and Max VSWING
Measured single-endedly
–0.3
1.15V
V
VOX
Crossing Point Voltage at 0.7V Swing
Measured single-endedly
300
550
mV
Vox_variation Crossing Point Variation
Measured single-endedly
140
mV
VOVS
Maximum Voltage (Overshoot)
Measured single-endedly
VHIGH+
0.3V
V
VUDS
Maximum Voltage (Undershoot)
Measured single-endedly
0.3
V
VRB
Ring back voltage
Measured single-endedly
-100
100
mV
TSTABLE
Time before VRB
Measured single-endedly
500
ps
REF
TDC
REF Duty Cycle
Measurement at 1.5V
45
55
%
TPERIOD
REF Period
Measurement at 1.5V
69.82033
69.86224
ns
TPERIODAbs
REF Absolute Period
Measurement at 1.5V
68.82033
70.86224
ns
TR / TF
REF Rising and Falling Edge Rate
Measured between 0.8V and 2.0V
1.0
4.0
V/ns
TSKEW
REF Clock to REF Clock
Measurement at 1.5V
–
500
ps
TCCJ
REF Cycle to Cycle Jitter
Measurement at 1.5V
–
1000
ps
THIGH/LOSW
Clock High /Low Time
Measured single-endedly
32
39
LACC
Long Term Accuracy
Measurement at 1.5V
–
95
ppm
ENABLE/DISABLE and SET-UP
TSTABLE
Clock Stabilization from Power-up
–
1.8
ms
TSS
Stopclock Set-up Time
10.0
–
ns
AC Electrical Specifications (continued)
Parameter
Description
Condition
Min.
Max.
Unit
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com