Electronic Components Datasheet Search
  English  ▼

X  

LT3471 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3471 Datasheet HTML 4Page - Linear Technology LT3471 Datasheet HTML 5Page - Linear Technology LT3471 Datasheet HTML 6Page - Linear Technology LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology LT3471 Datasheet HTML 10Page - Linear Technology LT3471 Datasheet HTML 11Page - Linear Technology LT3471 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT3471
3471f
ƒ=
Z
PL
RC
1
23
π ••
By choosing the appropriate values for the resistor and
capacitor, the zero frequency can be designed to improve
the phase margin of the overall converter. The typical
target value for the zero frequency is between 35kHz to
55kHz. Figure 3 shows the transient response of the step-
up converter from Figure 2 without the phase lead capaci-
tor CPL. Although adequate for many applications, phase
margin is not ideal as evidenced by 2-3 “bumps” in both
the output voltage and inductor current. A 33pF capacitor
for CPL results in ideal phase margin, which is revealed in
Figure 4 as a more damped response and less overshoot.
APPLICATIONS INFORMATION
Figure 3. Transient Response of Figure 2’s Step-Up
Converter without Phase Lead Capacitor
Figure 4. Transient Response of Figure 2’s Step-Up
Converter with 33pF Phase Lead Capacitor
50µs/DIV
3471 F04
LOAD CURRENT
100mA/DIV
AC COUPLED
VOUT
200mV/DIV
AC COUPLED
50µs/DIV
3471 F03
IL1
0.5A/DIV
AC COUPLED
LOAD CURRENT
100mA/DIV
AC COUPLED
VOUT
200mV/DIV
AC COUPLED
IL1
0.5A/DIV
AC COUPLED
VREG VOLTAGE REFERENCE
Pin 3 of the LT3471 is a bandgap voltage reference that has
been divided down to 1.00V and buffered for external use.
This pin must be bypassed with at least 0.01µF and no
more than 1µF. This will ensure stability as well as reduce
the noise on this pin. The buffer has a built-in current limit
of at least 1mA (typically 1.4mA). This not only means that
you can use this pin as an external reference for supple-
mental circuitry, but it also means that it is possible to
provide a soft-start feature if this pin is used as one of the
feedback pins for the error amplifier. Normally the soft-
start time will be dominated by the RC time constant
discussed in the soft-start and shutdown section. How-
ever, because of the finite current limit of the buffer for the
VREG pin, it will take some time to charge up the bypass
capacitor. During this time, the voltage at the VREG pin will
ramp up, and this action provides an alternate means for
soft-starting the circuit. If the largest recommended by-
pass capacitor is used, 1µF, the worst-case (longest) soft-
start function that would be provided from the VREF pin is:
11 00
10
10
µ
=
FV
mA
ms
•.
.
.
Choose the RC network such that the soft-start time is
longer than this time, or choose a smaller bypass capaci-
tor for the VREF pin (but always larger than 0.01µF) so that
the RC network dominates the soft-starting of the LT3471.
The voltage at the VREF pin can also be divided down and
used for one of the feedback pins for the error amplifier.
This is especially useful in LED driver applications, where
the current through the LEDs is set using the voltage
reference across a sense resistor in the LED chain. Using
a smaller or divided down reference leads to less wasted
power in the sense resistor. See the Typical Applications
section for an example of LED driving applications.
DIODE SELECTION
A Schottky diode is recommended for use with the LT3471.
For high efficiency, a diode with good thermal character-
istics at high currents should be used such as the On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com