Electronic Components Datasheet Search
  English  ▼

X  

LT3471 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3471 Datasheet HTML 5Page - Linear Technology LT3471 Datasheet HTML 6Page - Linear Technology LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology LT3471 Datasheet HTML 10Page - Linear Technology LT3471 Datasheet HTML 11Page - Linear Technology LT3471 Datasheet HTML 12Page - Linear Technology LT3471 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT3471
3471f
APPLICATIONS INFORMATION
Semiconductor MBRM120. This is a 20V diode. Where the
switch voltage exceeds 20V, use the MBRM140, a 40V
diode. These diodes are rated to handle an average for-
ward current of 1.0A. In applications where the average
forward current of the diode is less than 0.5A, use the
Philips PMEG 2005, 3005, or 4005 (a 20V, 30V or 40V
diode, respectively).
LAYOUT HINTS
The high speed operation of the LT3471 demands careful
attention to board layout. You will not get advertised
performance with careless layout. Figure 5 shows the
recommended component placement.
Compensation—Theory
Like all other current mode switching regulators, the
LT3471 needs to be compensated for stable and efficient
operation. Two feedback loops are used in the LT3471: a
fast current loop which does not require compensation,
and a slower voltage loop which does. Standard Bode plot
analysis can be used to understand and adjust the voltage
feedback loop.
As with any feedback loop, identifying the gain and phase
contribution of the various elements in the loop is critical.
Figure 6 shows the key equivalent elements of a boost
converter. Because of the fast current control loop, the
power stage of the IC, inductor and diode have been
replaced by the equivalent transconductance amplifier
gmp. gmp acts as a current source where the output current
is proportional to the VC voltage. Note that the maximum
output current of gmp is finite due to the current limit in the
IC.
From Figure 6, the DC gain, poles and zeroes can be
calculated as follows:
Figure 5. Suggested Layout Showing a Boost on SW1 and an
Inverter on SW2. Note the Separate Ground Returns for All High
Current Paths (Using a Multilayer Board)
10
GND
GND
SHDN/SS1
9
8
7
SHDN/SS2
FB1N
R4
R2
R3
FB1P
VOUT1
R1
C2
3471 F05
C3
CSS1
CSS2
RSS1
RSS2
C1
•
•
C4
D2
VOUT1
VOUT2
SW1
SW2
C5
D1
L1
L2
L3
VOUT2
FB2P
FB2N
VREF
6
1
2
3
4
5
LT3471
PIN 11 GND
VCC
GND
GND
GND
CONTROL 1
CONTROL 2
Output Pole: P1=
2
2•
• R
Error Amp Pole: P2 =
1
2•
• R
Error Amp Zero: Z1=
1
2•
• R
DC GAIN: A =
V
V
ESR Zero:
RHP Zero: Z3 =
High Frequency Pole: P3 >
L
O
C
REF
OUT
π
π
π
=
π
π
=
•
•
•
••
•
•
•
••
•
•
••
•
:
•
C
C
C
gR
g
R
Z
RC
VR
VL
f
Phase Lead Zero Z
OUT
C
C
ma
O
mp
L
ESR
OUT
IN
L
OUT
S
1
2
2
1
2
2
3
4
1
2
2
2
π
π
π
••
:
••
•
•
RC
Phase Lead Pole P
C
RR
RR
PL
PL
1
4
1
2
12
12
=
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com