Electronic Components Datasheet Search
  English  ▼

X  

LT3471 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 5 Page - Linear Technology

  LT3471 Datasheet HTML 1Page - Linear Technology LT3471 Datasheet HTML 2Page - Linear Technology LT3471 Datasheet HTML 3Page - Linear Technology LT3471 Datasheet HTML 4Page - Linear Technology LT3471 Datasheet HTML 5Page - Linear Technology LT3471 Datasheet HTML 6Page - Linear Technology LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT3471
3471f
OPERATIO
The LT3471 uses a constant frequency, current mode
control scheme to provide excellent line and load regula-
tion. Refer to the Block Diagram. At the start of each
oscillator cycle, the SR latch is set, which turns on the
power switch, Q1 (Q2). A voltage proportional to the
switch current is added to a stabilizing ramp and the
resulting sum is fed into the positive terminal of the PWM
comparator A2 (A4). When this voltage exceeds the level
at the negative input of A2 (A4), the SR latch is reset,
turning off the power switch Q1 (Q2). The level at the
negative input of A2 (A4) is set by the error amplifier A1
(A3) and is simply an amplified version of the difference
between the negative feedback voltage and the positive
feedback voltage, usually tied to the reference voltage
VREG. In this manner, the error amplifier sets the correct
peak current level to keep the output in regulation. If the
error amplifier’s output increases, more current is deliv-
ered to the output. Similarly, if the error decreases, less
current is delivered. Each switcher functions indepen-
dently but they share the same oscillator and thus the
switchers are always in phase. Enabling the part is done by
taking either SHDN/SS pin above 1.8V. Disabling the part
is done by grounding both SHDN/SS pins. The soft-start
feature of the LT3471 allows for clean start-up conditions
by limiting the amount of voltage rise at the output of
comparator A1 and A2, which in turn limits the peak
switching current. The soft-start feature for each switcher
is enabled by slowly ramping that switcher’s SHDN/SS pin,
using an RC network, for example. Typical resistor and
capacitor values are 0.33µF and 4.7kΩ, allowing for a
start-up time on the order of milliseconds. The LT3471 has
a current limit circuit not shown in the Block Diagram. The
switch current is constantly monitored and not allowed to
exceed the maximum switch current (typically 1.6A). If the
switch current reaches this value, the SR latch is reset
regardless of the state of the comparator A2 (A4). Also not
shown in the Block Diagram is the thermal shutdown
circuit. If the temperature of the part exceeds approxi-
mately 160°C, both latches are reset regardless of the state
of comparators A2 and A4. The current limit and thermal
shutdown circuits protect the power switch as well as the
external components connected to the LT3471.
APPLICATIONS INFORMATION
Duty Cycle
The typical maximum duty cycle of the LT3471 is 94%.
The duty cycle for a given application is given by:
DC
VV
V
VV
V
OUT
D
IN
OUT
D
CESAT
=
+
+
|| |
| – |
|
|| |
| – |
|
Where VD is the diode forward voltage drop and VCESAT is
in the worst case 330mV (at 1.3A)
The LT3471 can be used at higher duty cycles, but it must
be operated in the discontinuous conduction mode so that
the actual duty cycle is reduced.
Setting Output Voltage
Setting the output voltage depends on the topology used.
For normal noninverting boost regulator topologies:
VV
R
R
OUT
FBP
=+
⎛
⎝
⎜
⎞
⎠
⎟
1
1
2
where VFBN is connected between R1 and R2 (see the
Typical Applications section for examples).
Select values of R1 and R2 according to the following
equation:
RR
V
V
OUT
REF
12
1
=
⎛
⎝
⎜
⎞
⎠
⎟
–
A good value for R2 is 15k which sets the current in the
resistor divider chain to 1.00V/15k = 67µA.
VFBP is usually just tied to VREF = 1.00V, but VFBP can also
be tied to a divided down version of VREF or some other
voltage as long as the absolute maximum ratings for the
feedback pins are not exceeded (see Absolute Maximum
Ratings).
For inverting topologies, VFBN is tied to ground and VFBP
is connected between R1 and R2. R2 is between VFBP and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com