Electronic Components Datasheet Search
  English  ▼

X  

LT3471 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology LT3471 Datasheet HTML 10Page - Linear Technology LT3471 Datasheet HTML 11Page - Linear Technology LT3471 Datasheet HTML 12Page - Linear Technology LT3471 Datasheet HTML 13Page - Linear Technology LT3471 Datasheet HTML 14Page - Linear Technology LT3471 Datasheet HTML 15Page - Linear Technology LT3471 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT3471
3471f
TYPICAL APPLICATIO S
Li-Ion or 4-Cell Alkaline to 3.3V and 5V SEPIC
RSS1
4.7k
RSS2
4.7k
3471 TA05
CSS1
0.33µF
CSS2
0.33µF
C1
4.7µF
VIN
2.6V TO 6.5V
SHDN/SS1
FB1N
9
8
7
SW1
SW2
LT3471
L3
10µH
GND
FB1P
VIN
FB2N
FB2P
VREF
C2
0.1µF
C4
15µF
C7
56pF
C8
56pF
C3
4.7µF
C5
10µF
VOUT1
3.3V
640mA AT VIN = 6.5V
550mA AT VIN = 5V
470mA AT VIN = 4V
410mA AT VIN = 3.3V
340mA AT VIN = 2.6V
VOUT2
5V
500mA AT VIN = 6.5V
420mA AT VIN = 5V
360mA AT VIN = 4V
300mA AT VIN = 3.3V
250mA AT VIN = 2.6V
C1, C3, C5: X5R OR X7R 10V
C4, C6: X5R OR X7R 6.3V
D1, D2: ON SEMICONDUCTOR MBRM-120
L1-L4: MURATA LQH43CN100K032
R1
34.8k
L2
10µH
R2
15k
R3
60.4k
R4
15k
SHDN/SS2
VIN
10
1
2
3
4
5
11
6
VIN
C6
15µF
L1
10µH
D1
D2
L4
10µH
CONTROL 1
OV
1.8V
CONTROL 2
OV
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com