Electronic Components Datasheet Search
  English  ▼

X  

LT3471 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology LT3471 Datasheet HTML 10Page - Linear Technology LT3471 Datasheet HTML 11Page - Linear Technology LT3471 Datasheet HTML 12Page - Linear Technology LT3471 Datasheet HTML 13Page - Linear Technology LT3471 Datasheet HTML 14Page - Linear Technology LT3471 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT3471
3471f
TYPICAL APPLICATIO S
RSS1
4.7k
RSS2 4.7k
CONTROL 1
3471 TA02
CSS1
0.33µF
CSS2
0.33µF
C1
10µF
VIN
2.6V TO 4.2V
Li-Ion
SHDN/SS1
FB1N
9
0V
1.8V
CONTROL 2
0V
1.8V
8
7
SW1
SW2
LT3471
L2
15µH
L3
15µH
GND
FB1P
VIN
FB2P
FB2N
VREF
C2
0.1µF
C3
4.7µF
C6
33pF
VOUT1
7V
500mA WHEN VIN = 4.2V
350mA WHEN VIN = 3.3V
250mA WHEN VIN = 2.6V
VOUT2
–7V TO –4V
–7V WHEN VCONTROL = 0V
–4V WHEN VCONTROL = 1
–7V, 300mA WHEN VIN = 4.2V
–7V, 250mA WHEN VIN = 3.3V
–7V, 200mA WHEN VIN = 2.6V
C1, C2: X5R OR X7R 6.3V
C3, C4: X5R OR X7R 10V
C5: XR5 OR X7R 16V
C6: OPTIONAL
D1, D2: ON SEMICONDUCTOR MBRM-120
L1: SUMIDA CR43-2R2
L2: SUMIDA CDRH4D18-100
L3: SUMIDA CDRH4D18-150
C6
75pF
R2
15k
R5
20k
R6
10k
R3
90.9k
R4
15k
R1
105k
C5
1µF
SHDN/SS2
VIN
10
1
2
3
5
4
11
6
VIN
C4
10µF
D2
L1
2.2µH
D1
VCONTROL
0V TO 1V
Li-Ion OLED Driver
IOUT (mA)
0
50
55
65
70
75
200
400
500
95
3471 TA02b
60
100
300
80
85
90
VOUT = 7V
VIN = 4.2V
VIN = 4.2V
VIN = 3.3V
VIN = 3.3V
VIN = 2.6V
VIN = 2.6V
VOUT = –7V
Li-Ion OLED Driver Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com