Electronic Components Datasheet Search
  English  ▼

X  

ML13145 Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

Part # ML13145
Description  UHF Wideband Receiver Subsystem
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13145 Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML13145_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.lansdale.com
Page 3 of 17
Issue 0
RECEIVER AC ELECTRICAL CHARACTERISTICS (TA = 25°C; VCC = 3.6 Vdc; RF In = 1.0 GHz; 1st LO Freq = 1070.7 MHz; 2nd
LO Freq = 60 MHz; fmod = 1.0 kHz; fdev = ±40 kHz; IF filter bandwidth = 280 kHz, unless otherwise noted. See Figure 1 Test Circuit)
Characteristics
Unit
Max
Typ
MIn
Symbol
Measure
Pin
Input
Pin
Demodulator Bandwidth (±1.0 dB bandwidth)
Det Out
BW
–
100
–
kHz
Prescalar Output Level (10 k //8.0 pF load)
PRSCout
Vout
Vpp
Prescaler 64 Frequency = 16.72968 MHz
0.4
0.51
0.6
Prescaler 65 Frequency = 16.4723 MHz
0.4
0.51
0.6
MC Current Input (High)
MC
Iih
70
100
130
µA
MC Current Input (Low)
MC
Iil
–130
–100
–70
µA
Input high voltage
Enable
Vih
VCC
– 0.4
–VCC
V
Input low voltage
Enable
Vil
0
–
0.4
V
Input Current
Enable
Iin
–50
–
50
µA
PLL Setup Time [Note 1]
MC
PRSCout
TPLL
–
10
–
nS
SNR @ –30 dBm Signal Input (<40 kHz
deviation;with C–Message Filter)
–
50
–
dB
Total Harmonic Distortion (<40 kHz deviation;with
C–Message Filter)
–
1.0
–
%
Spurious Response SINAD (RF In: –50 dBm)
–
12
–
dB
LANSDALE Semiconductor, Inc.
ML13145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com