Electronic Components Datasheet Search
  English  ▼

X  

ML13145 Datasheet(PDF) 10 Page - LANSDALE Semiconductor Inc.

Part # ML13145
Description  UHF Wideband Receiver Subsystem
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13145 Datasheet(HTML) 10 Page - LANSDALE Semiconductor Inc.

Back Button ML13145_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.lansdale.com
Page 10 of 17
Issue 0
LANSDALE Semiconductor, Inc.
ML13145
Figure 4. IF Amplifier Functional Diagram
IF Dec1
39
IF In
38
IF Dec2
40
IF Out
41
Σ
RSSI
Pin
Symbol/Type
Description
Description
43
VCC
See Figure 5.
VCC, Positive Supply Voltage
44
Lim In
Limiting Amplifier Input
Limiting amplifier input source impedance is 330 Ω.
This amplifier has 84 dB of gain with 3.0 dB
bandwidth of 40 MHz; this enables the IF and
limiting ampliers chain to hard limit on noise.
45, 46
Lim Dec1,
Lim Dec2
If Decoupling
These pins are decoupled to VCC to provide stable
operation of the 2nd IF limiting amplifier.
7
RSSI
RSSI
The RSSI circuitry in the 2nd, 3rd, & 4th amplifier
stages outputs a current when the output of the
previous stage enters limiting. The net result is a
RSSI current which represents the logarithm of the
IF input voltage. An external resistor to ground is
used to provide a voltage output.
Figure 5. Limiter Amplifier Functional Diagram
Lim Dec1
45
Lim In
44
Lim Dec2
46
RSSI
7
Σ
Lim+
Lim–
Demod



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com