Electronic Components Datasheet Search
  English  ▼

X  

ML13145 Datasheet(PDF) 6 Page - LANSDALE Semiconductor Inc.

Part # ML13145
Description  UHF Wideband Receiver Subsystem
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13145 Datasheet(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML13145_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.lansdale.com
Page 6 of 17
Issue 0
LANSDALE Semiconductor, Inc.
ML13145
PIN FUNCTION DESCRIPTION
Pin
Symbol/Type
Description
Description
47
BWadj
See Figure 3.
COILLESS DETECTOR
Bandwidth Adjust
The deviation bandwidth of the detector response is
determined by the combination of an on–chip
capacitor and an external resistor to ground.
2
Fadj
Frequency Adjust
The free running frequency of the detector
oscillator is defined by the combination of an
on–chip capacitor and an external resistor, Radj
from frequency adjust pin to ground.
1, 48
VEE
VEE, Negative Supply
These pins are VEE supply for the coilless detector
circuit.
3
AFT Out
AFT Out
The AFT is low pass filtered with a corner frequency
below the audio bandwidth allowing the error to be
added to the center frequency adjust signal at Fadj,
Pin 2. The low frequency high pass corner is set by
the external capacitor, Ct from AFT out (Pin 3) to
AFT in (Pin 4) and external resistor, Rt from AFT
out to Fadj (Pin 2).
4
AFT In
AFT In
The AFT in is used to set the buffer transfer
function.
5
Det Gain
Detector Gain
The AFT buffer is used to set the buffer transfer
function.
6
Det Out
Detector Output
Set gain and output level of detector with resistor to
Det Out Pin.
Figure 3. Coilless Detector Internal Circuit
Current Amplifier
Det Out
IF
Phase
Detector
ICO
Fadj
BWadj
A * i
A * i
4
AFT In
3
AFT Out
5
6
RI
Ct
Rt
Rf
Rb
47
2
2I
i
2Ib
i
VCC
Vref2
Vref1
VEE
48, 1
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com