Electronic Components Datasheet Search
  English  ▼

X  

ML13145 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML13145
Description  UHF Wideband Receiver Subsystem
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13145 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML13145_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.lansdale.com
Page 2 of 17
Issue 0
LANSDALE Semiconductor, Inc.
ML13145
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC(max)
7.0
Vdc
Junction Temperature
TJ(max)
150
°C
Storage Temperature Range
Tstg
–65 to 150
°C
Maximum Input Signal
Pin
5.0
dBm
NOTES: 1. Meets Human Body Model (HBM) ≤250 V and Machine Model (MM) ≤25 V.
RECOMMENDED OPERATING CONDITIONS
Rating
Symbol
Min
Typ
Max
Unit
Power Supply Voltage (TA = 25°C)
VCC
2.7
–
6.5
Vdc
VEE
0
0
0
Input Frequency (LNA In, Mxr1 In)
fin
100
–
1800
MHz
Ambient Temperature Range
TA
–20
–
70
°C
Input Signal Level (with minor performance degradation)
Pin
–
–10
–
dBm
RECEIVER DC ELECTRICAL CHARACTERISTICS (TA = 25°C; VCC = 3.6 Vdc; No Input Signal,
unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
Total Supply Current (Enable = VCC)
Itotal
24
27
34
mA
Power Down Current (Enable = VEE)
Itotal
–
10
50
A
RECEIVER AC ELECTRICAL CHARACTERISTICS (TA = 25°C; VCC = 3.6 Vdc; RF In = 1.0 GHz; 1st LO Freq = 1070.7 MHz; 2nd
LO Freq = 60 MHz; fmod = 1.0 kHz; fdev = ±40 kHz; IF filter bandwidth = 280 kHz, unless otherwise noted. See Figure 1 Test Circuit)
Characteristics
Input
Pin
Measure
Pin
Symbol
MIn
Typ
Max
Unit
SINAD @ –110 dBm LNA Input
LNA In
Det Out
SINAD
12
20
–
dB
12 dB SINAD Sensitivity (Apps Circuit with
C–message filter at DetOut)
LNA In
Det Out
SINAD12dB
–
–115
–
dBm
30 dB SINAD Sensitivity (No IF filter distortion within
±40 kHz)
LNA In
Det Out
SINAD30dB
–
–100
–
dBm
SINAD Variation with IF Offset of ±40 kHz (No IF filter
distortion within ±40 kHz)
LNA In
Det Out
–
–
5.0
–
dB
Noise Figure: LNA, 1st Mixer & 2nd Mixer
LNA In
IF Out
NF
–
3.5
5.0
dB
Power Gain: LNA, 1st Mixer & 2nd Mixer
LNA In
IF Out
G
15
19
25
dB
RSSI Dynamic Range
IF In
RSSI
–
–
80
–
dB
RSSI Current
IF In
RSSI
–
µA
–10 dBm @ IF Input
35
40
55
–20 dBm @ IF Input
–
35
–
–30 dBm @ IF Input
–
30
–
–40 dBm @ IF Input
–
25
–
–50 dBm @ IF Input
15
20
37
–60 dBm @ IF Input
–
15
–
–70 dBm @ IF Input
–
10
–
–80 dBm @ IF Input
–
5.0
–
–90 dBm @ IF Input
–
1.0
7.0
Input 1.0 dB Compression Point(Measured at IF
output)
Pin1dB
–
–18
–
dBm
Input 3rd Order Intercept Point (Measured at IF
output)
IIP3
–
–8.0
–
dBm
Demodulator Output Swing (50 k || 56 pF Load)
IF In
Det Out
Vout
0.8
1.0
1.2
Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com