Electronic Components Datasheet Search
  English  ▼

X  

ML13145 Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # ML13145
Description  UHF Wideband Receiver Subsystem
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13145 Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML13145_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.lansdale.com
Page 1 of 17
Issue 0
ML13145
UHF Wideband Receiver Subsystem
(LNA, Mixer, VCO, Prescaler, IF
Subsystem, Coiless Detector)
Legacy Device: Motorola MC13145
The ML13145 is a dual conversion integrated RF receiver intended for ISM
band applications. It features a Low Noise Amplifier (LNA), two 50 Ω linear
Mixers with linearity control, Voltage Controlled Oscillator (VCO), second
LO amplifier, divide by 64/65 dual modulus Prescalar, split IF Amplifier and
Limiter, RSSI output, Coilless FM/FSK Demodulator and power down con-
trol. Together with the transmit chip (ML13146) and the baseband chip
(MC33410 or MC33411A/B), a complete 900 MHz cordless phone system
can be implemented. This device may be used in applications up to 1.8 GHz,
and operating temperature TA = –20° to +70°C.
• Low (<1.8 dB @ 900 MHz) Noise Figure LNA with 14 dB Gain
• Externally Programmable Mixer linearity: IIP3 = 10(nom.) to 17 dBm
(Mixer1); IIP3 = 10 (nom.) to 17 dBm (Mixer2)
• 50 Ω Mixer Input Impedance and Open Collector Output (Mixer 1 and
Mixer 2); 50 Ω Second LO (LO2) Input Impedance
• Low Power 64/65 Dual Modulus Prescalar (ML12054A type)
• Split IF for Improved Filtering and Extended RSSI Range
• Internal 330 Ω Terminations for 10.7 MHz Filters
• Linear Coilless FM/FSK Demodulator with Externally Programmable Bandwidth,
Center Frequency and Audio level
•2.7 to 6.5 V Operation, Low Current Drain (<27 mA, Typ @ 3.6 V) with Power Down
Mode (<10 µA, Typ)
•2.4 GHz RF, 1.0 GHz IF1 and 50 MHz IF2 Bandwidth
LQFP 48 = -9P
PLASTIC PACKAGE
CASE 932
48
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
LQFP 48
MC13145FTA
ML13145-9P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
PIN CONNECTIONS AND FUNCTIONAL BLOCK DIAGRAM
VEE
BWadj
Lim Dec2
Lim Dec1
Lim In
VCC
VCC
IF Out
VEE
LNA In
VEE
VEE
LNA Out
VEE
Mxr1In
Lin Adj1
13
14
15
16
18
19
20
48
47
46
45
44
43
42
41
25
26
29
30
31
32
27
28
12
11
8
7
6
5
10
9
Enable
oscC
oscE
oscB
4
3
2
1
33
34
35
36
IF Dec2
IF Dec1
IF In
VEE
40
39
38
37
17
21
22
23
24
Lim
Demod
LNA
/64, 65
IF
LO
RF
IF2
IF1
ESD Sensitive —
Handle with Care
This device contains
626 active transistors.
LOW POWER INTEGRATED RECEIVER FOR ISM BAND APPLICATIONS
SEMICONDUCTOR TECHNICAL DATA


Similar Part No. - ML13145_08

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13145-9P LANSDALE-ML13145-9P Datasheet
2Mb / 17P
UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

Similar Description - ML13145_08

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE787 NTE-NTE787 Datasheet
24Kb / 3P
Integrated Circuit AM Receiver Subsystem
logo
NXP Semiconductors
PRF957 PHILIPS-PRF957 Datasheet
109Kb / 16P
UHF wideband transistor
1999 Jul 23
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Quanzhou Jinmei Electro...
PBR941B JMNIC-PBR941B_15 Datasheet
160Kb / 13P
UHF wideband transistor
PRF949 JMNIC-PRF949_15 Datasheet
117Kb / 16P
UHF wideband transistor
logo
NXP Semiconductors
PBR941 PHILIPS-PBR941_15 Datasheet
121Kb / 16P
UHF wideband transistor
1998 Aug 10
logo
Texas Instruments
LM15851 TI1-LM15851 Datasheet
1Mb / 87P
Ultra-Wideband RF Sampling Subsystem
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
Wideband IF Receiver Subsystem
REV. A
logo
Motorola, Inc
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Analog Devices
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com