Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 23Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 24Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 25Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 26Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 27Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 28Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 29Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 30Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
Time
Speed
Close loop
Op2ClsThr
AlignTime
Accelerate Time
Accelerate Time is determined by
Op2ClsThr and A1, A2.
Speed =
t + 0.5
t
A1
A2
´
´
2
27
DRV10975, DRV10975Z
www.ti.com
SLVSCP2D – JANUARY 2015 – REVISED MARCH 2018
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
8.4.3.5.3
Motor Start
After it is determined that the motor is stationary and after completing the motor initialization with either align or
IPD, the DRV10975 begins to accelerate the motor. This acceleration is accomplished by applying a voltage
determined by the open loop current setting (OpenLCurr[1:0]) to the appropriate drive state and by increasing the
rate of commutation without regard to the real position of the motor (referred to as open loop operation). The
function of the open loop operation is to drive the motor to a minimum speed so that the motor generates
sufficient BEMF to allow the commutation control logic to accurately drive the motor.
Table 4 lists the configuration options that can be set in register to optimize the initial motor acceleration stage
for different applications.
Table 4. Configuration Options for Controlling Open Loop Motor Start
Description
Reg Name
ConfigBits
Min Value
Max Value
Open to closed loop threshold
SysOpt4
Op2ClsThr[4:0]
0.8 Hz
204.8 Hz
Align time
SysOpt4
AlignTime[2:0]
40 ms
5.3 s
First order accelerate
SysOpt3
StAccel[2:0]
0.3 Hz/s
76 Hz/s
Second order accelerate
SysOpt3
StAccel2[2:0]
0.22 Hz/s2
57 Hz/s2
Open loop current setting
SysOpt2
OpenLCurr[1:0]
200 mA
1.6 A
Open loop current ramping
SysOpt2
OpLCurrRt[2:0]
0.23 VCC/s
6 VCC/s
8.4.3.6 Start-Up Timing
Start-up timing is determined by the align and accelerate time. The align time can be set by AlignTime[2:0], as
described in Register Definition . The accelerate time is defined by the open-to-closed loop threshold
Op2ClsThr[4:0] along with the first order StAccel[2:0](A1) and second order StAccel2[2:0](A2) acceleration
coefficient. Figure 18 shows the motor start-up process.
Figure 18. Motor Start-Up Process
Select the first order and second order acceleration coefficient to allow the motor to reliably accelerate from zero
velocity up to the closed loop threshold in the shortest time possible. Using a slow acceleration coefficient during
the first order accelerate stage can help improve reliability in applications where it is difficult to accurately
initialize the motor with either align or IPD.
Select the open-to-closed loop threshold to allow the motor to accelerate to a speed that generates sufficient
BEMF for closed loop control. This is determined by the velocity constant of the motor based on the relationship
described in Equation 2.
BEMF = Kt × speed (Hz)
(2)
8.4.4 Start-Up Current Setting
The start-up current setting is to control the peak start-up during open loop. During open loop operation, it is
desirable to control the magnitude of drive current applied to the motor. This is helpful in controlling and
optimizing the rate of acceleration. The limit takes effect during reverse drive, align, and acceleration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com