Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 45 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 41Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 42Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 43Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 44Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 45Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 46Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 47Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 48Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
45
DRV10975, DRV10975Z
www.ti.com
SLVSCP2D – JANUARY 2015 – REVISED MARCH 2018
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Table 9. Register Description (continued)
Register
Data
Description
Name
Address
Bits
SysOpt1(3)
0x23
7:6
ISDThr[1:0]
ISD stationary judgment threshold
00 = 6 Hz (80 ms, no zero cross)
01 = 3 Hz (160 ms, no zero cross)
10 = 1.6 Hz (320 ms, no zero cross)
11 = 0.8 Hz (640 ms, no zero cross)
5:4
IPDAdvcAgl [1:0]
Advancing angle after inductive sense
00 = 30°
01 = 60°
10 = 90°
11 = 120°
3
ISDen
0 = Initial speed detect (ISD) disable
1 = ISD enable
2
RvsDrEn
0 = Reverse drive disable
1 = Reverse drive enable
1:0
RvsDrThr[1:0]
The threshold where device starts to process reverse drive (RvsDr) or brake.
00 = 6.3 Hz
01 = 13 Hz
10 = 26 Hz
11 = 51 Hz
SysOpt2(3)
0x24
7:6
OpenLCurr[1:0]
Open loop current setting.
00 = 0.2 A
01 = 0.4 A
10 = 0.8 A
11 = 1.6 A
5:3
OpLCurrRt:[2:0]
Open-loop current ramp-up rate setting
000 = 6 VCC/s
001 = 3 VCC/s
010 = 1.5 VCC/s
011 = 0.7 VCC/s
100 = 0.34 VCC/s
101 = 0.16 VCC/s
110 = 0.07 VCC/s
111 = 0.023 VCC/s
2:0
BrkDoneThr [2:0]
Braking mode setting
000 = No brake (BrkEn = 0)
001 = 2.7 s
010 = 1.3 s
011 = 0.67 s
100 = 0.33 s
101 = 0.16 s
110 = 0.08 s
111 = 0.04 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com