Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 1 Page - Texas Instruments

  DRV10975ZPWPR Datasheet HTML 1Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 2Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 3Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 4Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 5Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 6Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 7Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 8Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
10
12
Interface to
Microcontroller
1 µF
1 µF
M
1
2
3
4
5
6
7
8
9
11
24
23
22
21
20
19
18
17
16
15
14
13
VCP
CPP
CPN
SW
SWGND
VREG
V1P8
GND
V3P3
SCL
SDA
FG
VCC
VCC
W
W
V
V
U
U
PGND
PGND
DIR
SPEED
0.1 µF
0.1 µF
3.3 V or 5 V
10 µF
10 µF
V
CC
Copyright © 2016, Texas Instruments Incorporated
39 W
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
DRV10975, DRV10975Z
SLVSCP2D – JANUARY 2015 – REVISED MARCH 2018
DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
1
1 Features
1
•
Input Voltage Range: 6.5 to 18 V
•
Total Driver H + L rDS(on): 250 mΩ
•
Drive Current: 1.5-A Continuous Winding Current
(2-A Peak)
•
Sensorless Proprietary Back Electromotive Force
(BEMF) Control Scheme
•
Continuous Sinusoidal 180° Commutation
•
No External Sense Resistor Required
•
For Flexibility User May Include External Sense
Resistor to Monitor Power Delivered to Motor
•
Flexible User Interface Options:
–
I2C Interface: Access Registers for Command
and Feedback
–
Dedicated SPEED Pin: Accepts Either Analog
or PWM Input
–
Dedicated FG Pin: Provides TACH Feedback
–
Spin-Up Profile Customizable With EEPROM
–
Forward-Reverse Control With DIR Pin
•
Integrated Step-Down Regulator to Efficiently
Provide Voltage (5 V or 3.3 V) for Internal and
External Circuits
•
Supply Current 4.5 mA With Standby Version
(DRV10975)
•
Supply Current 80 μA With Sleep Version
(DRV10975Z)
•
Overcurrent Protection
•
Lock Detection
•
Voltage Surge Protection
•
UVLO Protection
•
Thermal Shutdown Protection
•
Thermally-Enhanced 24-Pin HTSSOP
2 Applications
•
Appliance Fan
•
HVAC
3 Description
The DRV10975 device is a three-phase sensorless
motor driver with integrated power MOSFETs, which
can provide continuous drive current up to 1.5 A. The
device is specifically designed for cost-sensitive, low-
noise, low-external-component-count applications.
The DRV10975 device uses a proprietary sensorless
control scheme to provide continuous sinusoidal
drive, which significantly reduces the pure tone
acoustics
that
typically
occur
as
a
result
of
commutation. The interface to the device is designed
to be simple and flexible. The motor can be controlled
directly through PWM, analog, or I2C inputs. Motor
speed feedback is available through either the FG pin
or I2C.
The DRV10975 device features an integrated step-
down regulator to efficiently step down the supply
voltage to either 5 or 3.3 V for powering both internal
and external circuits. The device is available in either
a sleep mode or a standby mode version to conserve
power when the motor is not running. The standby
mode (4.5-mA) version leaves the regulator running
and the sleep mode (80-µA) version shuts it off. Use
the standby mode version in applications where the
regulator is used to power an external microcontroller.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV10975
HTSSOP (24)
7.80 mm × 6.40 mm
VQFN (24) Adv. Info.
5.00 mm × 4.00 mm
DRV10975Z
HTSSOP (24)
7.80 mm × 6.40 mm
VQFN (24) Adv. Info.
5.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Application Schematic


Similar Part No. - DRV10975ZPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10975ZPWPR TI1-DRV10975ZPWPR Datasheet
1Mb / 57P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975ZPWPR TI1-DRV10975ZPWPR Datasheet
1Mb / 65P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975ZPWPR TI2-DRV10975ZPWPR Datasheet
2Mb / 66P
DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
REVISED JUNE 2020
DRV10975ZPWPR.A TI2-DRV10975ZPWPR.A Datasheet
2Mb / 66P
DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
REVISED JUNE 2020
DRV10975ZPWPRG4 TI2-DRV10975ZPWPRG4 Datasheet
2Mb / 66P
DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
REVISED JUNE 2020
More results

Similar Description - DRV10975ZPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10975 TI-DRV10975_15 Datasheet
1Mb / 57P
DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983 TI1-DRV10983 Datasheet
1Mb / 58P
12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10987 TI1-DRV10987_17 Datasheet
1Mb / 76P
12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
12-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com