Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 46 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 42Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 43Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 44Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 45Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 46Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 47Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 48Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 49Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
46
DRV10975, DRV10975Z
SLVSCP2D – JANUARY 2015 – REVISED MARCH 2018
www.ti.com
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Table 9. Register Description (continued)
Register
Data
Description
Name
Address
Bits
SysOpt3(3)
0x25
7:6
CtrlCoef[1:0]
Control coefficient
00 = 0.25
01 = 0.5
10 = 0.75
11 = 1
5:3
StAccel2[2:0]
Open loop start-up accelerate (second order)
000 = 57 Hz/s2
001 = 29 Hz/s2
010 = 14 Hz/s2
011 = 6.9 Hz/s2
100 = 3.3 Hz/s2
101 = 1.6 Hz/s2
110 = 0.66 Hz/s2
111 = 0.22 Hz/s2
2:0
StAccel[2:0]
Open loop start-up accelerate (first order)
000 = 76 Hz/s
001 = 38 Hz/s
010 = 19 Hz/s
011 = 9.2 Hz/s
100 = 4.5 Hz/s
101 = 2.1 Hz/s
110 = 0.9 Hz/s
111 = 0.3 Hz/s
SysOpt4(3)
0x26
7:3
Op2ClsThr[4:0]
Open to closed loop threshold
0xxxx = Range 0: n × 0.8 Hz
00000 = N/A
00001 = 0.8 Hz
00111 = 5.6 Hz
01111 = 12 Hz
1xxxx = Range 1: (n + 1) × 12.8 Hz
10000 = 12.8 Hz
10001 = 25.6 Hz
10111 = 192 Hz
11111 = 204.8 Hz
2:0
AlignTime[2:0]
Align time.
000 = 5.3 s
001 = 2.7 s
010 = 1.3 s
011 = 0.67 s
100 = 0.33 s
101 = 0.16 s
110 = 0.08 s
111 = 0.04 s
SysOpt5(3)
0x27
7
FaultEn3
(LockEn[3])
No motor fault. Enabled when high
6
LockEn[2]
Abnormal Kt. Enabled when high
5
LockEn[1]
Abnormal speed. Enabled when high
4
LockEn[0]
Lock detection current limit. Enabled when high
3
AVSIndEn
Inductive AVS enable. Enabled when high.
2
AVSMEn
Mechanical AVS enable. Enabled when high
1
AVSMMd
Mechanical AVS mode
0 = AVS to VCC
1 = AVS to 24 V
0
IPDRlsMd
IPD release mode
0 = Brake when inductive release
1 = Hi-z when inductive release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com