Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 44 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 40Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 41Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 42Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 43Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 44Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 45Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 46Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 47Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
44
DRV10975, DRV10975Z
SLVSCP2D – JANUARY 2015 – REVISED MARCH 2018
www.ti.com
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Table 9. Register Description (continued)
Register
Data
Description
Name
Address
Bits
(3)
EEPROM
Motor Speed1(2)
0x11
7:0
MotorSpeed [15:8]
16-bit value indicating the motor speed. Always read the MotorSpeed1 first.
Velocity (Hz) = {MotorSpeed1:MotorSpeed2} / 10
For example: MotorSpeed1 = 0x01, MotorSpeed2 = 0xFF,
Motor Speed = 0x01FF (511) / 10 = 51 Hz
Motor Speed2(2)
0x12
7:0
MotorSpeed [7:0]
Motor Period1(2)
0x13
7:0
MotorPeriod [15:8]
16-bit value indicating the motor period. Always read the MotorPeriod1 first.
tELE_PERIOD (µs) = {MotorPeriod1:MotorPeriod2} × 10
For example: MotorPeriod1 = 0x01, MotorPeriod2 = 0xFF,
Motor Period = 0x01FF (511) × 10 = 5.1 ms
Motor Period2(2)
0x14
7:0
MotorPeriod [7:0]
MotorKt1(2)
0x15
7:0
MotorKt[15:8]
16-bit value indicating the motor measured velocity constant. Always read the
MotorKt1 first.
Ktc (V/Hz)= {MotorKt1:MotorKt2} / 2 /1090
{MotorKt1:MotorKt2} corresponding to 2 × Ktph_dig
MotorKt2(2)
0x16
7:0
MotorKt[7:0]
IPDPosition(2)
0x19
7:0
IPDPosition [7:0]
8-bit value indicating the estimated motor position during IPD plus the IPD
advance angle (see Table 7)
Supply
Voltage(2)
0x1A
7:0
SupplyVoltage [7:0]
8-bit value indicating the supply voltage
VPOWERSUPPLY (V) = SupplyVoltage[7:0] × 22.8 V / 256
For example, SupplyVoltage[7:0] = 0x87,
VPOWERSUPPLY (V) = 0x87 (135) × 22.8 / 256 = 12 V
SpeedCmd(2)
0x1B
7:0
SpeedCmd[7:0]
8-bit value indicating the speed command based on analog or PWMin or I2C.
FF indicates 100% speed command.
spdCmd
Buffer(2)
0x1C
7:0
spdCmdBuffer [8:1]
8-bit value indicating the speed command after buffer output.
FF indicates 100% speed command.
FaultCode(2)
0x1E
7:6
N/A
N/A
5
Lock5
Stuck in closed loop
4
Lock4
Stuck in open loop
3
Fault3
No motor
2
Lock2
Kt abnormal
1
Lock1
Speed abnormal
0
Lock0
Lock detection current limit
Motor Param1(3)
0x20
7
DoubleFreq
0 = Set driver output frequency to 25 kHz
1 = Set driver output frequency to 50 kHz
6:0
Rm[6:0]
Rm[6:4] : Number of the Shift bits of the motor phase resistance
Rm[3:0] : Significant value of the motor phase resistance
Rmdig = R_(ph_ct) / 0.00735
Rmdig = Rm[3:0]
≪ Rm[6:4] See Motor Phase Resistance and Table 2
Motor Param2(3)
0x21
7
AdjMode
Closed loop adjustment mode setting
0 = Full cycle adjustment
1 = Half cycle adjustment
6:0
Kt[6:0]
Kt[6:4] = Number of the Shift bits of BEMF constant
Kt[3:0] = Significant value of the BEMF constant
〖Kt〗_(ph_dig) = 1442×〖Kt〗_ph
〖Kt〗_(ph_dig) = Kt[3:0] ≪ Kt[4:6]
See BEMF Constant and Table 3 .
Motor Param3(3)
0x22
7
CtrlAdvMd
Motor commutate control advance
0 = Fixed time
1 = Variable time relative to the motor speed and VCC
6:0
Tdelay[6:0]
tdelay [6:4] = Number of the Shift bits of LRTIME
tdelay [3:0] = Significant value of LRTIME
tSETTING = 2.5 µs × {TCtrlAdv[3:0] << TCtrlAdv[6:4]}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com