Electronic Components Datasheet Search
  English  ▼

X  

UAC3552A Datasheet(PDF) 5 Page - Micronas

Part # UAC3552A
Description  Universal Serial Bus
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

UAC3552A Datasheet(HTML) 5 Page - Micronas

  UAC3552A Datasheet HTML 1Page - Micronas UAC3552A Datasheet HTML 2Page - Micronas UAC3552A Datasheet HTML 3Page - Micronas UAC3552A Datasheet HTML 4Page - Micronas UAC3552A Datasheet HTML 5Page - Micronas UAC3552A Datasheet HTML 6Page - Micronas UAC3552A Datasheet HTML 7Page - Micronas UAC3552A Datasheet HTML 8Page - Micronas UAC3552A Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
PRELIMINARY DATA SHEET
UAC 3552A
Micronas
5
1.1. Features
– single-chip, USB specification 1.0/1.1 compliant,
stereo audio D/A converter
– 12-Mbit/s USB transceiver
– adaptive isochronous endpoint for USB Audio
– USB-programmable vendor IDs (1024-bit EEPROM
on chip)
– four general purpose input pins and four output pins
(human interface pins)
– customizable I/O functionality by download-software
– supports 16-bit mono/stereo and 24-bit stereo audio
data
– adaptive sample rate converter for 5 to 50 kHz input
sampling rate
– audio baseband control: bass, treble, volume, and
balance, additional analog volume, mute
– bass boost
– automatic gain control (AGC)
–“PerfectSpeaker” digital speaker equalizer
– THD better than 0.01 %, SNR of 96 dB
– integrated low-power stereo headphone amplifier
– on-chip op amps for external analog filter
– analog stereo input (AUX) with source selection and
mixing
– single 5-V power supply
Fig. 1–2: System application diagram
UAC
Active Stereo Speakers
Headphones
Stereo Equipment
USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com