Electronic Components Datasheet Search
  English  ▼

X  

UAC3552A Datasheet(PDF) 9 Page - Micronas

Part # UAC3552A
Description  Universal Serial Bus
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

UAC3552A Datasheet(HTML) 9 Page - Micronas

Back Button UAC3552A Datasheet HTML 5Page - Micronas UAC3552A Datasheet HTML 6Page - Micronas UAC3552A Datasheet HTML 7Page - Micronas UAC3552A Datasheet HTML 8Page - Micronas UAC3552A Datasheet HTML 9Page - Micronas UAC3552A Datasheet HTML 10Page - Micronas UAC3552A Datasheet HTML 11Page - Micronas UAC3552A Datasheet HTML 12Page - Micronas UAC3552A Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
PRELIMINARY DATA SHEET
UAC 3552A
Micronas
9
2.1.5.5. Analog Volume Control
The analog volume control covers a range from 0 dB to
−75 dB plus an additional mute position.
The analog step size is split into a 3-dB and a 1.5-dB
range:
−75 dB...−54 dB: 3 dB step size
−54 dB...0 dB:
1.5 dB step size
The overall volume system, however, consists not only
of the analog volume. An additional digital volume con-
trol allows a step size of 0.5 dB over the complete
range. See Section 2.2.2.7. “Volume and Balance Con-
trol” on page 13.
Please note that analog input signals (AUXL, AUXR)
do not have the additional digital volume control.
2.1.5.6. Line-out/Headphone Amplifier
The line-out/headphone amplifier output is provided at
the OUTL and OUTR pins connected either to stereo
headphones or to the power amplifier within an USB
speaker. The stereo headphones require external
47-
Ω serial resistors in both channels. See Section 4.
“Applications” on page 26.
2.1.6. General Purpose I/O
The GPIO pins are used to connect keys which are
related to the USB HID class or for vendor-specific
control functions and LEDs in order to indicate on/off
states for example. The standard configuration defines
the GPIOs as four input pins (GPIO0...GPIO3) and
four output pins (GPIO4...GPIO7). The function of the
input pins is shown in Table 2–2.
The keys are polled by the microcontroller and the cor-
responding key codes are transmitted to the host on
request. The relation between key code and usage ID
(see Universal Bus HID Usage Tables, Version 1.0,
Chapter 14 – Consumer Page) is defined in the HID
report descriptor (see Section 2.2.1.4. “HID Report
Descriptor” on page 11) which is transmitted to the
host along with the configuration descriptor during the
bus enumeration.
When the device is not connected to USB, the func-
tionality of the volume-control and mute pins are pre-
served. In this case, however, the parameters are
directly transferred to the DSP-core. This allows using
the device in stand-alone mode providing volume and
mute control for analog sources.
The output pins are not predefined and therefore not
related to any USB functions. They can be set or reset
by vendor-specific software.
The standard configuration can be changed also by
vendor-specific USB software, but in this case, Table
2–2 is no longer valid.
Table 2–2: Standard Key Configuration
Pin
Function
Key
Code
Usage
ID
GPIO0
Volume Up
1
E9
GPIO1
Volume Down
2
EA
GPIO2
MuteToggle
4
E2
GPIO3
BassBoost Toggle
8
E5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com