Electronic Components Datasheet Search
  English  ▼

X  

UAC3552A Datasheet(PDF) 2 Page - Micronas

Part # UAC3552A
Description  Universal Serial Bus
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

UAC3552A Datasheet(HTML) 2 Page - Micronas

  UAC3552A Datasheet HTML 1Page - Micronas UAC3552A Datasheet HTML 2Page - Micronas UAC3552A Datasheet HTML 3Page - Micronas UAC3552A Datasheet HTML 4Page - Micronas UAC3552A Datasheet HTML 5Page - Micronas UAC3552A Datasheet HTML 6Page - Micronas UAC3552A Datasheet HTML 7Page - Micronas UAC3552A Datasheet HTML 8Page - Micronas UAC3552A Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
UAC 3552A
PRELIMINARY DATA SHEET
2
Micronas
Contents
Page
Section
Title
4
1.
Introduction
5
1.1.
Features
6
2.
Functional Description
6
2.1.
Hardware
6
2.1.1.
USB Interface
6
2.1.1.1.
Transceiver
6
2.1.1.2.
Interface Engine
6
2.1.1.3.
Microcontroller
6
2.1.2.
Audio Control Interface
6
2.1.3.
Audio Streaming Interface
6
2.1.4.
Audio Processing Unit
6
2.1.5.
Analog Back-end
7
2.1.5.1.
DAC
8
2.1.5.2.
Analog Low-pass
8
2.1.5.3.
Postfilter Op Amps
8
2.1.5.4.
Input Mixer
9
2.1.5.5.
Analog Volume Control
9
2.1.5.6.
Line-out/Headphone Amplifier
9
2.1.6.
General Purpose I/O
10
2.1.7.
Special I/O
10
2.1.7.1.
SOF (Start of Frame)
10
2.1.7.2.
AUXEN
10
2.1.7.3.
SUSPEND
10
2.1.8.
Clock System
10
2.2.
Software
10
2.2.1.
USB Microcontroller Software
10
2.2.1.1.
Chapter 9 Functions
10
2.2.1.2.
Device Descriptor
10
2.2.1.3.
String Descriptor
11
2.2.1.4.
HID Report Descriptor
11
2.2.2.
Audio Processing Software
11
2.2.2.1.
Sample Rate Converter
11
2.2.2.2.
Automatic Gain Control
12
2.2.2.3.
Bass Control
12
2.2.2.4.
Treble Control
13
2.2.2.5.
Bass Boost Control
13
2.2.2.6.
Parametric Equalizer
13
2.2.2.7.
Volume and Balance Control
13
2.2.3.
Mute Control
13
2.2.3.1.
Oversampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com