Electronic Components Datasheet Search
  English  ▼

X  

UAC3552A Datasheet(PDF) 13 Page - Micronas

Part # UAC3552A
Description  Universal Serial Bus
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

UAC3552A Datasheet(HTML) 13 Page - Micronas

Back Button UAC3552A Datasheet HTML 9Page - Micronas UAC3552A Datasheet HTML 10Page - Micronas UAC3552A Datasheet HTML 11Page - Micronas UAC3552A Datasheet HTML 12Page - Micronas UAC3552A Datasheet HTML 13Page - Micronas UAC3552A Datasheet HTML 14Page - Micronas UAC3552A Datasheet HTML 15Page - Micronas UAC3552A Datasheet HTML 16Page - Micronas UAC3552A Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
PRELIMINARY DATA SHEET
UAC 3552A
Micronas
13
2.2.2.5. Bass Boost Control
The bass boost algorithm provides an additional 12-dB
gain for the low-frequency components. The character-
istic is shown in Fig. 2–6.
Fig. 2–6: Bass boost
The bass boost works on both channels and can be
switched on and off under USB control.
2.2.2.6. Parametric Equalizer
The parametric equalizer is a non-USB audio feature.
It allows the compensation of unwanted frequency
responses of a speaker. Alternatively, frequency
responses can be set to suit individual tastes. The
equalizer consists of 5 individually adjustable bands.
The control parameters and the parameter range for
each band is shown in Table 2–6.
The adjustment of the equalizer is supported by an
application program that allows to set up frequency
responses and to download the corresponding filter
coefficients into the UAC 3552A. When the frequency
response fits the target, it can be programmed into the
on-chip EEPROM. The UAC 3552A is shipped with a
flat frequency response.
2.2.2.7. Volume and Balance Control
The volume and balance control operate separately on
the left and right channel.
The volume control is realized in the analog back-end.
This preserves high audio quality (SNR) at low volume
settings because signal and noise are attenuated in
the same way, which is not the case for pure digital vol-
ume control. The UAC 3552A uses digital volume con-
trol only for the fine tuning of the 0.5 dB step size. The
volume setting is smoothed by an internal ramping
algorithm in order to avoid audible clicks during volume
change.
The splitting between analog and digital volume is han-
dled by the UAC 3552A automatically.
2.2.3. Mute Control
The mute control is part of the volume system in the
UAC 3552A. It functions simultaneously on both chan-
nels and can be switched on and off under USB con-
trol. As with the volume control, clicks are avoided by a
ramping algorithm.
2.2.3.1. Oversampling
The oversampling filter increases the audio sampling
rate by a factor of 4. The final upsampling to the noise-
shaping rate is handled by a sample and hold circuit.
The pass-band characteristic of the oversampling filter
is shown in Fig. 2–7.
Fig. 2–7: 1 to 4 Oversampling filter, pass-band
Table 2–6: Equalizer Parameters
Parameter
Min
Max
center frequency
50 Hz
15 kHz
gain/attenuation
−6dB
+6 dB
filter quality (Q)
0.5
3
Hz
dB
10.
20.
50.
100.
200.
500.
1000.
0
2
4
6
8
10
12
14
Table 2–7: Volume and Balance Control
Min
Max
Step
−75 dB
0 dB
0.5 dB
0
5000
10000
15000
20000
-0.5
-0.4
-0.3
-0.2
-0.1
0
kHz
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com