Electronic Components Datasheet Search
  English  ▼

X  

UAC3552A Datasheet(PDF) 22 Page - Micronas

Part # UAC3552A
Description  Universal Serial Bus
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

UAC3552A Datasheet(HTML) 22 Page - Micronas

Back Button UAC3552A Datasheet HTML 18Page - Micronas UAC3552A Datasheet HTML 19Page - Micronas UAC3552A Datasheet HTML 20Page - Micronas UAC3552A Datasheet HTML 21Page - Micronas UAC3552A Datasheet HTML 22Page - Micronas UAC3552A Datasheet HTML 23Page - Micronas UAC3552A Datasheet HTML 24Page - Micronas UAC3552A Datasheet HTML 25Page - Micronas UAC3552A Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
UAC 3552A
PRELIMINARY DATA SHEET
22
Micronas
3.6.3. Characteristics
At TA = 0 to 70 °C, VSUPD = 4.75 V to 5.25 V, VSUPA = 4.75 V to 5.25 V; typical values at TJ =27 °C,
VSUPD =VSUPA = 5.0 V, quartz frequency = 12 MHz, duty cycle = 50 %, positive current flows into the IC
bass/treble: 0 dB, bass boost: off, AGC: off, equalizer: off
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
Digital Supply
IVDD
Current Consumption
1)
VDD
100
125.5
mA
VSUPD=5 V
Digital Input Pin
– Leakage
II
Input Leakage Current
GPIO[7:0],
AUXEN,
RESQ
±1
µAV
GND ≤ VI ≤ VSUP
Digital Output Pin
VOH
Output High Voltage
GPIO[7:0],
SUSPEND,
SOF
VSUPD
− 0.4
VIout=8 mA
VOL
Output Low Voltage
0.4
V
Analog Supply
IAVDD
Current Consumption
Analog Audio
11
2
15
mA
mA
SUSPD = 0, Mute
SUSPD = 1, Mute
PSRRAA
Power Supply Rejection
Ratio for Analog Audio
Output
AVDD0/1,
OUTL/R
50
dB
1 kHz sine at
100 mVrms
20
dB
≤ 100 kHz sine at
100 mVrms
Reference Frequency Generation
VDCXTI
DC Voltage at Oscillator
Pins
XTI/O
0.5 *
VSUPA
V
CLI
Input Capacitance at
Oscillator Pin
XTI
3
pF
CLO
Input Capacitance at
Oscillator Pin
XTO
3
pF
VXTALOUT
Voltage Swing at Oscillator
Pins (peak-peak)
XTI/O
0.6 *
VSUPA
1.0 *
VSUPA
V
Oscillator Start-Up Time
10
ms
EEPROM
EEPROM unpowered data
retention
10
year
Number of write cycles
100
1) no load attached to GPIO’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com