Electronic Components Datasheet Search
  English  ▼

X  

AD8370 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8370
Description  LF to 750 MHz Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8370 Datasheet(HTML) 4 Page - Analog Devices

  AD8370 Datasheet HTML 1Page - Analog Devices AD8370 Datasheet HTML 2Page - Analog Devices AD8370 Datasheet HTML 3Page - Analog Devices AD8370 Datasheet HTML 4Page - Analog Devices AD8370 Datasheet HTML 5Page - Analog Devices AD8370 Datasheet HTML 6Page - Analog Devices AD8370 Datasheet HTML 7Page - Analog Devices AD8370 Datasheet HTML 8Page - Analog Devices AD8370 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD8370
Rev. 0 | Page 4 of 28
Parameter
Conditions
Min
Typ
Max
Unit
NOISE/HARMONIC PERFORMANCE (cont.)
70 MHz
Gain Flatness
Within ±10 MHz of 70 MHz
±0.02
dB
Noise Figure
7.2
dB
Second Harmonic
1
VOUT = 2 V p-p
−65
dBc
Third Harmonic
1
VOUT = 2 V p-p
−62
dBc
Output IP3
35
dBm
Output 1 dB Compression Point
17
dBm
140 MHz
Gain Flatness
Within ±10 MHz of 140 MHz
±0.03
dB
Noise Figure
7.2
dB
Second Harmonic
1
VOUT = 2 V p-p
−54
dBc
Third Harmonic
1
VOUT = 2 V p-p
−50
dBc
Output IP3
33
dBm
Output 1 dB Compression Point
17
dBm
190 MHz
Gain Flatness
Within ±10 MHz of 240 MHz
±0.03
dB
Noise Figure
7.2
dB
Second Harmonic
1
VOUT = 2 V p-p
−43
dBc
Third Harmonic
1
VOUT = 2 V p-p
−43
dBc
Output IP3
33
dBm
Output 1 dB Compression Point
17
dBm
240 MHz
Gain Flatness
Within ±10 MHz of 240 MHz
±0.04
dB
Noise Figure
7.4
dB
Second Harmonic
1
VOUT = 2 V p-p
–28
dBc
Third Harmonic
1
VOUT = 2 V p-p
–33
dBc
Output IP3
32
dBm
Output 1 dB Compression Point
17
dBm
380 MHz
Gain Flatness
Within ±10 MHz of 240 MHz
±0.04
dB
Noise Figure
8.1
dB
Output IP3
27
dBm
Output 1 dB Compression Point
14
dBm
POWER-INTERFACE
Supply Voltage
3.02
5.5
V
Quiescent Current3
PWUP High, GC = LG127, RL =
∞, 4 seconds after power-on,
thermal connection made to exposed paddle under device
72.5
79
85.5
mA
vs. Temperature
4
−40°C ≤ TA ≤ +85°C
105
mA
Total Supply Current
PWUP High, VOUT = 1 V p-p, ZL = 100 Ω reactive, GC = LG127
(includes load current)
82
mA
Power Down Current
PWUP Low
3.7
mA
vs. Temperature4
−40°C ≤TA ≤ +85°C
5
mA
POWER UP INTERFACE
Pin PWUP
Power-Up Threshold
4
Voltage to enable the device
1.8
V
Power-Down Threshold
4
Voltage to disable the device
0.8
V
PWUP Input Bias Current
PWUP = 0 V
400
nA
GAIN CONTROL INTERFACE
Pins CLCK, DATA, and LTCH
VIH
4
Voltage for a logic high
1.8
V
VIL
4
Voltage for a logic low
0.8
V
Input Bias Current
900
nA
1 Refer to
for performance into a lighter load.
Figure 20
2 See the
section for more information.
3 V Operation
3 Minimum and maximum specified limits for this parameter are guaranteed by production test.
4 Minimum or maximum specified limit for this parameter is a 6-sigma value and not guaranteed by production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com