Electronic Components Datasheet Search
  English  ▼

X  

AD8370 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8370
Description  LF to 750 MHz Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8370 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8370 Datasheet HTML 14Page - Analog Devices AD8370 Datasheet HTML 15Page - Analog Devices AD8370 Datasheet HTML 16Page - Analog Devices AD8370 Datasheet HTML 17Page - Analog Devices AD8370 Datasheet HTML 18Page - Analog Devices AD8370 Datasheet HTML 19Page - Analog Devices AD8370 Datasheet HTML 20Page - Analog Devices AD8370 Datasheet HTML 21Page - Analog Devices AD8370 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD8370
Rev. 0 | Page 18 of 28
–100
–90
–80
–70
–60
–50
–40
0
96
32
64
0
326496
128
GAIN CODE
HD2
HD2
LOW GAIN MODE
HIGH GAIN MODE
HD3
HD3
Figure 48. Harmonic Distortion of the Circuit in Figure 45
DC-COUPLED OPERATION
AD8370
67
8
23
5
1
11
10
9
15
14
16
13
12
4
SERIAL CONTROL
INTERFACE
1nF
1nF
0.1
µF
0.1
µF
–2.5V
–2.5V
0V
0V
+2.5V
RL
SINGLE-
ENDED
GROUND
REFERENCED
SOURCE
RS
RT
Figure 49. DC Coupling the AD8370. Dual supplies are used to set the input
and output common-mode levels to 0 V.
AD8370
AD8138
678
23
5
1
11
10
9
15
14
16
13
12
4
SERIAL CONTROL
INTERFACE
1nF
1nF
0.1
µF
+5V
499
Ω
499
Ω
100
Ω
499
Ω
499
Ω
100
Ω
VOCM
VOCM
+5V
RL
SINGLE-ENDED GROUND
REFERENCED SOURCE
RS
RT
RT
2
Figure 50. DC Coupling the AD8370. The AD8138 is used as a unity gain level
shifting amplifier to lift the common-mode level of the source to midsupply.
The AD8370 is also a dc accurate variable gain amplifier. The
common-mode dc voltage present at the output pins is internally
set to midsupply using what is essentially a buffered resistive
divider network connected between the positive supply rail and
the common (ground) pins. The input pins are at a slightly
higher dc potential, typically 250 mV to 550 mV above the out-
put pins, depending on gain setting. In a typical single-supply
application, it is necessary to raise the common-mode reference
level of the source and load to roughly midsupply to maintain
symmetric swing and to avoid sinking or sourcing strong bias
currents from the input and output pins. It is possible to use
balanced dual supplies to allow ground referenced source and
load as indicated in Figure 49. By connecting the VOCM pin
and unused input to ground, the input and output common-
mode potentials are forced to virtual ground. This allows direct
coupling of ground referenced source and loads. The initial
differential input offset is typically only a few 100 µV. Over
temperature, the input offset could be as high as a few tens of
mVs. If precise dc accuracy is need over temperature and time, it
may be necessary to periodically measure the input offset and to
apply the necessary opposing offset to the unused differential
input, canceling the resulting output offset.
To address situations where dual supplies are not convenient, a
second option is presented in Figure 50. The AD8138 differential
amplifier is used to translate the common-mode level of the
driving source to midsupply, which allows dc accurate perform-
ance with a ground-referenced source without the need for dual
supplies. The bandwidth of the solution in Figure 50 is limited
by the gain-bandwidth product of the AD8138. The normalized
frequency response of both implementations is shown in Figure 51.
–10
–8
–6
–4
–2
0
2
4
6
8
10
1
10
100
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
AD8370 WITH
AD8138 SINGLE
+5V SUPPLY
AD8370
USING DUAL
±2.5V SUPPLY
Figure 51. Normalized Frequency Response of the Two Solutions in
Figure 49 and Figure 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com