Electronic Components Datasheet Search
  English  ▼

X  

AD8370 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8370
Description  LF to 750 MHz Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8370 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8370 Datasheet HTML 13Page - Analog Devices AD8370 Datasheet HTML 14Page - Analog Devices AD8370 Datasheet HTML 15Page - Analog Devices AD8370 Datasheet HTML 16Page - Analog Devices AD8370 Datasheet HTML 17Page - Analog Devices AD8370 Datasheet HTML 18Page - Analog Devices AD8370 Datasheet HTML 19Page - Analog Devices AD8370 Datasheet HTML 20Page - Analog Devices AD8370 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD8370
Rev. 0 | Page 17 of 28
Due to the nature of the AD8370’s circuit design, care must be
taken to minimize parasitic capacitance on the input and output.
The AD8370 could become unstable with more than a few pF of
shunt capacitance on each input. Using resistors in series with
input pins is recommended under conditions of high source
capacitance.
High transient and noise levels on the power supply, ground,
and digital inputs can, under some circumstances, reprogram the
AD8370 to an unintended gain code. This further reinforces the
need for proper supply bypassing and decoupling. The user
should also be aware that probing the AD8370 and associated
circuitry during circuit debug may also induce the same effect.
PACKAGE CONSIDERATIONS
The package of the AD8370 is a compact, thermally enhanced
TSSOP 16-lead design. A large exposed paddle on the bottom of
the device provides both a thermal benefit and a low inductance
path to ground for the circuit. To make proper use of this pack-
aging feature, the PCB needs to make contact directly under the
device, connected to an ac/dc common ground reference with
as many vias as possible to lower the inductance and thermal
impedance.
SINGLE-ENDED-TO-DIFFERENTIAL CONVERSION
AD8370
67
8
23
5
1
11
10
9
15
14
16
13
12
4
SERIAL CONTROL
INTERFACE
0.1
µF
1nF
0.1
µF
+VS
CAC
CAC
CAC
CAC
RL
SINGLE-
ENDED
SOURCE
RS
Figure 45. Single-Ended-to-Differential Conversion
The AD8370 is primarily designed for differential signal inter-
facing. The device can be used for single-ended-to-differential
conversion simply by terminating the unused input to ground
using a capacitor as depicted in Figure 45. The ac coupling
capacitors should be selected such that their reactance is negli-
gible at the frequency of operation. For example, using 1 nF
capacitors for CAC presents a capacitive reactance of –j1.6 Ω on
each input node at 100 MHz. This attenuates the applied input
voltage by 0.003 dB. If 10 pF capacitors had been selected, the
voltage delivered to the input would be reduced by 2.1 dB when
operating with a 200 Ω source impedance.
–1.0
0
–0.5
0.5
0
100
200
300
400
500
FREQUENCY (MHz)
HIGH GAIN MODE
(GAIN CODE HG255)
LOW GAIN MODE
(GAIN CODE LG127)
Figure 46. Differential Output Balance for a Single-Ended Input Drive at
Maximum Gain (RL = 1 kΩ, CAC = 10 nF)
Figure 46 illustrates the differential balance at the output for a
single-ended input drive for multiple gain codes. The differential
balance is better than 0.5 dB for signal frequencies less than
250 MHz. Figure 47 depicts the differential balance over the
entire gain range at 10 MHz. The balance is degraded for lower
gain settings because the finite common gain allows some of the
input signal applied to INHI to pass directly through to the
OPLO pin. At higher gain settings, the differential gain dominates
and balance is restored.
0
0.1
0.2
0.3
0.4
0.5
0.6
0
96
32
64
0
326496
128
GAIN CODE
LOW GAIN MODE
HIGH GAIN MODE
Figure 47. Differential Output Balance at 10 MHz for a Single-Ended Drive vs.
Gain Code (RL = 1 kΩ, CAC = 10 nF)
Even though the amplifier is no longer being driven in a bal-
anced manner, the distortion performance remains adequate for
most applications. Figure 48 illustrates the harmonic distortion
performance of the circuit in Figure 45 over the entire gain range.
If the amplifier is driven in single-ended mode, the input
impedance varies depending on the value of the resistor used to
terminate the other input as follows:
RinSE = RinDIFF + RTERM
where RTERM is the termination resistor connected to the other
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com